Electronic Components Datasheet Search
  English  ▼

X  

ADE10S Datasheet(PDF) 226 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 226 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 222Page - Tyco Electronics ADE10S Datasheet HTML 223Page - Tyco Electronics ADE10S Datasheet HTML 224Page - Tyco Electronics ADE10S Datasheet HTML 225Page - Tyco Electronics ADE10S Datasheet HTML 226Page - Tyco Electronics ADE10S Datasheet HTML 227Page - Tyco Electronics ADE10S Datasheet HTML 228Page - Tyco Electronics ADE10S Datasheet HTML 229Page - Tyco Electronics ADE10S Datasheet HTML 230Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 326 page
background image
6000 & Reliant'22 Series
Series 6000 and Reliant'22 Contact Selection
I
I9
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Contact
Off
On
Reset
Number
(2)
(0)
(1)
1
OXX
2
O
X
O
3
OOX
Referring to the Contact Closure Sequence Table, it is seen that cam Type 3
provides these sequences. In addition, the contact block models that should be used
are given; model VA0 (or FA0 for contact No. 1, to be installed in the upper contact
block location; model V40 (or F40) for contact No. 2, to be installed in the lower
1. Determine how many contacts are required for the application, and what contact closure sequence is
needed for each contact.
a. 2-Position Operators: There are only two practical possibilities for contact closure sequence. Using "O" to
indicate an open and "X" to indicate a closed contact, the options are shown in the table to the right. All Reliant
22 and Series 6000 2-position selection selector and keylock operators provide these options.
b. 3-Position Operators: There are six practical possibilities for contact closure sequence. Using "O" to indicate an
open contact, and "X" to indicate a closed contact, the options are shown in the table to the right. Four different
cam types are available to provide various combinations of contact closure sequence. Cam Type 2 (see table
below) provides the most popular closure sequence, and Cam Type 3 provides all six possibilities, depending on
the contact block models chosen. Note that each operator has an upper and lower contact block location, and that
the cam profiles are different for upper and lower locations, except for Cam Type 2.
2. Make a truth table similar to that shown in the example at the bottom of the page, in which each contact required
by the circuit of the application is represented. Up to 12 contacts may be used for each operator, depending on the
sequences required and the types of contact blocks chosen.
3. Refer to the contact sequence table (below). Find the cam type that will provide all of the required contact closure
sequences, and note which contact block model will be needed for each circuit contact.
4. Now refer to the tables on pages I5-I6 for 22mm and pages I12-I13 for 30mm to find the operator model that has
the cam type needed in the application and that provides the desired features with respect to action (maintained or
momentary) type of actuator (lever or key), etc.
CONTACT CLOSURE SEQUENCE CHART
0
1
V40 or F40 Red
X
0
V50 or F50 Green
0
X
VA0 or FA0 Yellow
0
X*
VR0 or FR0 Black
X
0*
Contact Blocks
2-Position Operators
CAM Type 1
Model
upper & lower
locations
Example: An "Off-On-Reset" circuit control requires a 3-position or 2-position
keylock switch. The key is to be removable in the "OFF" and "ON" position and the
"Reset" position must be momentary (spring return from right to center). All
contacts are open in the "Off" position, and two contacts are closed in the "On"
position. In the "Reset" position a third contact must close and one of the contacts
in the "on" position must open. This contact closure sequence is shown by the
following truth table:
contact block location; and model V50 (or F50) for contact No. 3, which may be
used in either the upper or lower contact block location, behind one of the other two
blocks. Reference to the operator model listings shows that model RM272 provides
cam Type 3 and has desired momentary action and key removability.
SELECTOR & KEYLOCK OPERATORS
ALCOSWITCH selector and keylock operators, in combination with the contact blocks
listed on page I8, are designed to fulfill the circuit requirements of almost any 2- or 3-
position control application. Each operator has two locations (upper and lower) into
which contact blocks may be snap-mounted. Up to four contact blocks may be stacked
in each location, the maximum number depending on the contact block models chosen
and the contact closure sequences required. (Note: only one logic level block may be
used in each location.)
blocks in
upper
position
blocks in
lower
position
3 Position Operators
20
1
left
center
right
OO
X
XO
O
OX
X
XX
O
O
XO
X
OX
2 Position Operators
01
left
right
OX
XO
X = Closed
0 = Open
*VA0 and FA0 contacts overlap with VR0 and FR0 contacts between
position of 2 position operators providing “Make Before Break” action.
20 1
20 1
20 1
20 1
2 01
20 1
X 0 0
X0 0
X 0 0
0X 0
0 X X
X X0
00 X
00 X
00 X
00 X
X 00
00 X
0 X X
0 X X
0X X
X0 X
X0 0
0 0 X
XX 0
XX 0
XX 0
XX 0
0 XX
XX 0
3-Position Operators
CAM Type 2
CAM Type 3
CAM Type 4
upper
lower
upper
lower
upper
lower
location
location
location
location
location
location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com