Electronic Components Datasheet Search
  English  ▼

X  

ADE10SA Datasheet(PDF) 120 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 120 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 116Page - Tyco Electronics ADE10SA Datasheet HTML 117Page - Tyco Electronics ADE10SA Datasheet HTML 118Page - Tyco Electronics ADE10SA Datasheet HTML 119Page - Tyco Electronics ADE10SA Datasheet HTML 120Page - Tyco Electronics ADE10SA Datasheet HTML 121Page - Tyco Electronics ADE10SA Datasheet HTML 122Page - Tyco Electronics ADE10SA Datasheet HTML 123Page - Tyco Electronics ADE10SA Datasheet HTML 124Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 326 page
background image
D30
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
MSPM, JLS Series
Push Switch, JLS Series
Part Number
Tyco
Alcoswitch
Act. Code P. M6
Actuator Type
Electronics
1437566-8
JLS91439FKBC
N
Black Cap
1437566-7
JLS91439FK
N
Gray Cap
1437566-9
JLS91439FWC
N
White Cap
.283
(7.2)
.378
(9.6)
.110
(2.8)
.039
(1.0)
.020
(0.5)
.118
(3.0)
.110
(2.8)
.134
(3.4)
.126
(3.2)
.126
(3.2)
.287
(7.3)
.252
(6.4)
.472
(12.0)
.740
(18.8)
.236
(6.0)
.236
(6.0)
.449
(11.4)
.118
(3.0)
.118
(3.0)
.05
Dia. 6x
(1.27)
.126
2x
(3.2)
.054
Dia. 2x
(1.37)
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad copper
Frame ......................................Steel
Actuator Material ....................Acetal
Terminals/Fixed Contacts........Brass, silver plate
Insulator ..................................Phenol
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+14°F to +140°F (-10°C to +60°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating............................1 Amp @25 VDC
Initial Contact Resistance ..........100 Milliohms
Actuation Force ..........................300±150 gms
Actuator Travel ..........................0.091 (2.3)
Life Expectancy..........................Up to 10,000 cycles
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com