Electronic Components Datasheet Search
  English  ▼

X  

ADE10SA Datasheet(PDF) 204 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 204 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 200Page - Tyco Electronics ADE10SA Datasheet HTML 201Page - Tyco Electronics ADE10SA Datasheet HTML 202Page - Tyco Electronics ADE10SA Datasheet HTML 203Page - Tyco Electronics ADE10SA Datasheet HTML 204Page - Tyco Electronics ADE10SA Datasheet HTML 205Page - Tyco Electronics ADE10SA Datasheet HTML 206Page - Tyco Electronics ADE10SA Datasheet HTML 207Page - Tyco Electronics ADE10SA Datasheet HTML 208Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 326 page
background image
G5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
6000 Series
Rotary Switches, 6000 Series
Alcoswitch 6000 Series
Rotary Switches are used in
programming electrical and
mechanical circuits in
machine tools, test
equipment, and input data
terminals. These manually
operated switches are
specifically designed to be
mounted on a pc board and
offer output capabilities
which include: 8-position
binary-coded octal (BC),
10-position binary-coded
decimal (BCD), 16-position
hexadecimal plus 10- and
16-position single pole
decimal. All switches feature
a small diameter and very
low profile.
In addition to varied output
capabilities, these versatile
Alcoswitch switches can also
be supplied in three different
styles, allowing you to select
the operation method best
suited to your specific
application. One version
incorporates a slot which
accepts a screwdriver, coin or
other similar device. This
particular style permits
operation of the switch
without sacrificing overall
height. Its height of .220
[5.59] above the pc board is
no greater than the usual
board-mounted discrete
components. The other two
versions have either a bar-
type knob or thumbwheel for
their operation. All three
styles can be rotated
bidirectionally.
Rugged construction, positive
detent action contacts plus
large, readable characters are
additional features of the
Alcoswitch 6000 Series PC
Board Rotary Switches. All
these features, coupled with a
fully enclosed design for
better environmental
protection, provide excellent
electrical and mechanical
performance.
Product Facts
n Compact design — small
diameter, low profile
switches are ideal for pc
board mounting
n Wide choice of outputs:
8-position binary-coded
octal, 10-position binary-
coded decimal, 16-position
hexadecimal and 10- and
16-position single pole
n Versatile application —
styles include slotted,
bar-type and thumbwheel
versions for hand rotation
n Positive switching —
contacts have positive
detent action
n All positions are easily
identified by large readable
characters or dots
n Optimum reliability —
fully enclosed design
protects contacts against
contamination
PERFORMANCE CHARACTERISTICS
Current/Voltage Rating—
Signal application only.
Dielectric Breakdown Voltage—
500 VDC min.
Insulation Resistance—
1 x 108 ohms
Initial Contact Resistance—
25 milliohms (at 50 millivolts, 100 milliamperes) closed circuit
Circuit Capacitance—
5 picofarads (at 100 KHz)
Durability—
1000 cycles
Operating Torque—
2 - 12 inch-ounces initial and after durability
Temperature Rating—
Operating — -18°C to +88°C
Storage — -45°C to +88°C
Humidity—
Withstands an environment of +40°C and 95% RH for 96 hours
MATERIALS
Contacts—
Phosphor bronze, gold over nickel plated
Solder Tabs and Pins—
Coded Switches — Beryllium copper, tin plated
Single Pole Switches — Brass, tin plated
Structural Parts — Thermoplastic
Technical Documents
Product Specification—
108-7514
Instruction Sheet—
408-07523
Application Specification—
114-7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com