Electronic Components Datasheet Search
  English  ▼

X  

AM3715CUS Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715CUS Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM3715CUS Datasheet HTML 142Page - Texas Instruments AM3715CUS Datasheet HTML 143Page - Texas Instruments AM3715CUS Datasheet HTML 144Page - Texas Instruments AM3715CUS Datasheet HTML 145Page - Texas Instruments AM3715CUS Datasheet HTML 146Page - Texas Instruments AM3715CUS Datasheet HTML 147Page - Texas Instruments AM3715CUS Datasheet HTML 148Page - Texas Instruments AM3715CUS Datasheet HTML 149Page - Texas Instruments AM3715CUS Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 4-24. Graphic Accelerator Clocks(2)
OPP 100(2)
Max Freq
Max Freq
Max Freq
Description
Source Clock
Ratio
Ratio
Ratio
(MHz)
(MHz)
(MHz)
DPLL3 Locked Frequency
800
664
532
DPLL4 Locked Frequency
1728
1728
1728
1 * (M2 =
1 * (M2 =
1 * (M2 =
DPLL3CLKOUTX2_M2
DPLL3 Locked Frequency
800
664
532
1)(1)(3)
1)(1)(3)
1)(1)(3)
2 * (M2 =
2 * (M2 =
2 * (M2 =
DPLL3CLKOUT_M2
DPLL3 Locked Frequency
400
332
266
1)(1)(3)
1)(1)(3)
1)(1)(3)
1 * (M2 =
1 * (M2 =
1 * (M2 =
DPLL4CLKOUT_M2
DPLL4 Locked Frequency
192
192
192
9)(1)(3)
9)(1)(3)
9)(1)(3)
CORE_CLK
DPLL4 Locked Frequency
400
1
332
1
266
1
COREX2_CLK
DPLL3CLKOUTX2_M2
800
1
664
1
532
1
SGX_192M_FCLK
DPLL4CLKOUT_M2
192
1
192
1
192
1
SGX
– Option 1
CORE_CLK
200
2
166
2
133
2
SGX
– Option 2
COREX2_CLK
177.3
3
SGX
– Option 3
SGX_192M_FCLK
192
1
192
1
192
1
(1) This ratio is configurable by software programming. For more information, see the AM/DM37x Multimedia Device Technical Reference
Manual (SPRUGN4).
(2) SGX (Graphic Accelerator) is not available in OPP50 operating point.
(3) The DPLL ratios documented in this table are recommended ratios. Other values may apply.
146
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com