Electronic Components Datasheet Search
  English  ▼

X  

32GA002 Datasheet(PDF) 242 Page - Microchip Technology

Part # 32GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 Datasheet(HTML) 242 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 238Page - Microchip Technology 32GA002 Datasheet HTML 239Page - Microchip Technology 32GA002 Datasheet HTML 240Page - Microchip Technology 32GA002 Datasheet HTML 241Page - Microchip Technology 32GA002 Datasheet HTML 242Page - Microchip Technology 32GA002 Datasheet HTML 243Page - Microchip Technology 32GA002 Datasheet HTML 244Page - Microchip Technology 32GA002 Datasheet HTML 245Page - Microchip Technology 32GA002 Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 242
 2010 Microchip Technology Inc.
FIGURE 27-4:
EXTERNAL CLOCK TIMING
OSCI
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
OS20
OS25
OS30
OS30
OS40
OS41
OS31
OS31
Q1
Q2
Q3
Q4
Q2
Q3
TABLE 27-13: EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0 to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS10 FOSC External CLKI Frequency
(External clocks allowed
only in EC mode)
DC
4
DC
4
—
—
—
—
32
8
24
6
MHz
MHz
MHz
MHz
EC, -40°C
 TA  +85°C
ECPLL, -40°C
 TA  +85°C
EC, -40°C
 TA  +125°C
ECPLL, -40°C
 TA  +125°C
Oscillator Frequency
3
3
10
31
3
10
—
—
—
—
—
—
10
8
32
33
6
24
MHz
MHz
MHz
kHz
MHz
MHz
XT
XTPLL, -40°C
 TA  +85°C
HS, -40°C
 TA  +85°C
SOSC
XTPLL, -40°C
 TA  +125°C
HS, -40°C
 TA  +125°C
OS20 TOSC TOSC = 1/FOSC
—
—
—
—
See parameter OS10
for FOSC value
OS25 TCY
Instruction Cycle Time(2)
62.5
—
DC
ns
OS30 TosL,
TosH
External Clock in (OSCI)
High or Low Time
0.45 x TOSC
——
ns
EC
OS31 TosR,
TosF
External Clock in (OSCI)
Rise or Fall Time
——
20
ns
EC
OS40 TckR CLKO Rise Time(3)
—6
10
ns
OS41 TckF
CLKO Fall Time(3)
—6
10
ns
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Instruction cycle period (TCY) equals two times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with
the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at “Min.” values with an
external clock applied to the OSCI/CLKI pin. When an external clock input is used, the “Max.” cycle time
limit is “DC” (no clock) for all devices.
3:
Measurements are taken in EC mode. The CLKO signal is measured on the OSCO pin. CLKO is low for the
Q1-Q2 period (1/2 TCY) and high for the Q3-Q4 period (1/2 TCY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com