Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 234 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 234 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 230Page - Microchip Technology 48GA002 Datasheet HTML 231Page - Microchip Technology 48GA002 Datasheet HTML 232Page - Microchip Technology 48GA002 Datasheet HTML 233Page - Microchip Technology 48GA002 Datasheet HTML 234Page - Microchip Technology 48GA002 Datasheet HTML 235Page - Microchip Technology 48GA002 Datasheet HTML 236Page - Microchip Technology 48GA002 Datasheet HTML 237Page - Microchip Technology 48GA002 Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 234
 2010 Microchip Technology Inc.
TABLE 27-5:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core Off, Clock On Base Current, PMD Bits are Set(2)
DC40
150
200
A-40°C
2.0V(3)
1 MIPS
DC40a
150
200
A+25°C
DC40b
150
200
A+85°C
DC40c
165
220
A
+125°C
DC40d
250
325
A-40°C
3.3V(4)
DC40e
250
325
A+25°C
DC40f
250
325
A+85°C
DC40g
275
360
A
+125°C
DC43
0.55
0.72
mA
-40°C
2.0V(3)
4 MIPS
DC43a
0.55
0.72
mA
+25°C
DC43b
0.55
0.72
mA
+85°C
DC43c
0.60
0.8
mA
+125°C
DC43d
0.82
1.1
mA
-40°C
3.3V(4)
DC43e
0.82
1.1
mA
+25°C
DC43f
0.82
1.1
mA
+85°C
DC43g
0.91
1.2
mA
+125°C
DC47
3
4
mA
-40°C
2.5V(3)
16 MIPS
DC47a
3
4
mA
+25°C
DC47b
3
4
mA
+85°C
DC47c
3.3
4.4
mA
+125°C
DC47d
3.5
4.6
mA
-40°C
3.3V(4)
DC47e
3.5
4.6
mA
+25°C
DC47f
3.5
4.6
mA
+85°C
DC47g
3.9
5.1
mA
+125°C
DC50
0.85
1.1
mA
-40°C
2.0V(3)
FRC (4 MIPS)
DC50a
0.85
1.1
mA
+25°C
DC50b
0.85
1.1
mA
+85°C
DC50c
0.94
1.2
mA
+125°C
DC50d
1.2
1.6
mA
-40°C
3.3V(4)
DC50e
1.2
1.6
mA
+25°C
DC50f
1.2
1.6
mA
+85°C
DC50g
1.3
1.8
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
The test conditions for all IIDLE measurements are as follows: OSCI driven with external square wave from rail to
rail. All I/O pins are configured as inputs and pulled to VDD. MCLR = VDD; WDT and FSCM are disabled. CPU,
SRAM, program memory and data memory are operational. No peripheral modules are operating and all of the
Peripheral Module Disable (PMD) bits are set.
3:
On-chip voltage regulator disabled (DISVREG tied to VDD).
4:
On-chip voltage regulator enabled (DISVREG tied to VSS). Low-Voltage Detect (LVD) and Brown-out Detect
(BOD) are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com