Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 128 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 128 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 124Page - Microchip Technology 48GA002 Datasheet HTML 125Page - Microchip Technology 48GA002 Datasheet HTML 126Page - Microchip Technology 48GA002 Datasheet HTML 127Page - Microchip Technology 48GA002 Datasheet HTML 128Page - Microchip Technology 48GA002 Datasheet HTML 129Page - Microchip Technology 48GA002 Datasheet HTML 130Page - Microchip Technology 48GA002 Datasheet HTML 131Page - Microchip Technology 48GA002 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 128
 2010 Microchip Technology Inc.
FIGURE 12-1:
TIMER2/3 AND TIMER4/5 (32-BIT) BLOCK DIAGRAM
TMR3
TMR2
Set T3IF (T5IF)
Equal
Comparator
PR3
PR2
Reset
LSB
MSB
Note
1:
The 32-Bit Timer Configuration bit, T32, must be set for 32-bit timer/counter operation. All control bits are
respective to the T2CON and T4CON registers.
2:
This peripheral’s inputs must be assigned to an available RPn pin before use. Please see Section
10.4 “Peripheral Pin Select”
for more information.
3:
The ADC event trigger is available only on Timer2/3.
Data Bus<15:0>
TMR3HLD
Read TMR2 (TMR4)(1)
Write TMR2 (TMR4)(1)
16
16
16
Q
QD
CK
TGATE
0
1
TON
TCKPS1:TCKPS0
Prescaler
1, 8, 64, 256
2
TCY
TCS(2)
TGATE(2)
Gate
T2CK
Sync
ADC Event Trigger(3)
Sync
(T4CK)
(PR5)
(PR4)
(TMR5HLD)
(TMR5)
(TMR4)
1x
01
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com