Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 185 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 185 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 181Page - Microchip Technology 48GA002 Datasheet HTML 182Page - Microchip Technology 48GA002 Datasheet HTML 183Page - Microchip Technology 48GA002 Datasheet HTML 184Page - Microchip Technology 48GA002 Datasheet HTML 185Page - Microchip Technology 48GA002 Datasheet HTML 186Page - Microchip Technology 48GA002 Datasheet HTML 187Page - Microchip Technology 48GA002 Datasheet HTML 188Page - Microchip Technology 48GA002 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 185
PIC24FJ64GA004 FAMILY
19.2
Calibration
The real-time crystal input can be calibrated using the
periodic auto-adjust feature. When properly calibrated,
the RTCC can provide an error of less than 3 seconds
per month. This is accomplished by finding the number
of error clock pulses and storing the value into the
lower half of the RCFGCAL register. The 8-bit signed
value loaded into the lower half of RCFGCAL is multi-
plied by four and will be either added or subtracted from
the RTCC timer, once every minute. Refer to the steps
below for RTCC calibration:
1.
Using another timer resource on the device, the
user must find the error of the 32.768 kHz
crystal.
2.
Once the error is known, it must be converted to
the number of error clock pulses per minute.
EQUATION 19-1:
3.
a) If the oscillator is faster then ideal (negative
result form step 2), the RCFGCAL register value
needs to be negative. This causes the specified
number of clock pulses to be subtracted from
the timer counter once every minute.
b) If the oscillator is slower then ideal (positive
result from step 2) the RCFGCAL register value
needs to be positive. This causes the specified
number of clock pulses to be subtracted from
the timer counter once every minute.
4.
Divide the number of error clocks per minute by
4 to get the correct CAL value and load the
RCFGCAL register with the correct value.
(Each 1-bit increment in CAL adds or subtracts
4 pulses).
Writes to the lower half of the RCFGCAL register
should only occur when the timer is turned off, or
immediately after the rising edge of the seconds pulse.
REGISTER 19-10:
ALMINSEC: ALARM MINUTES AND SECONDS VALUE REGISTER
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
bit 15
bit 8
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
MINTEN2:MINTEN0:
Binary Coded Decimal Value of Minute’s Tens Digit; Contains a value from 0 to 5
bit 11-8
MINONE3:MINONE0:
Binary Coded Decimal Value of Minute’s Ones Digit; Contains a value from 0 to 9
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
SECTEN2:SECTEN0:
Binary Coded Decimal Value of Second’s Tens Digit; Contains a value from 0 to 5
bit 3-0
SECONE3:SECONE0:
Binary Coded Decimal Value of Second’s Ones Digit; Contains a value from 0 to 9
(Ideal Frequency† – Measured Frequency) * 60 = Clocks
per Minute
† Ideal frequency = 32,768 Hz
Note:
It is up to the user to include in the error
value the initial error of the crystal, drift
due to temperature and drift due to crystal
aging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com