Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 197 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 197 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 193Page - Microchip Technology 48GA002 Datasheet HTML 194Page - Microchip Technology 48GA002 Datasheet HTML 195Page - Microchip Technology 48GA002 Datasheet HTML 196Page - Microchip Technology 48GA002 Datasheet HTML 197Page - Microchip Technology 48GA002 Datasheet HTML 198Page - Microchip Technology 48GA002 Datasheet HTML 199Page - Microchip Technology 48GA002 Datasheet HTML 200Page - Microchip Technology 48GA002 Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 197
PIC24FJ64GA004 FAMILY
REGISTER 21-5:
AD1PCFG: A/D PORT CONFIGURATION REGISTER
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG15
—
—
PCFG12
PCFG11
PCFG10
PCFG9
PCFG8(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG7(1)
PCFG6(1)
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PCFG15:
Analog Input Pin Configuration Control bits
1
= Band gap voltage reference is disabled
0
= Band gap voltage reference enabled
bit 14-13
Unimplemented:
Read as ‘0’
bit 12-0
PCFG12:PCFG0:
Analog Input Pin Configuration Control bits(1)
1
= Pin for corresponding analog channel is configured in Digital mode; I/O port read enabled
0
= Pin configured in Analog mode; I/O port read disabled, A/D samples pin voltage
Note 1:
Analog channels AN6, AN7 and AN8 are unavailable on 28-pin devices; leave these corresponding bits
set.
REGISTER 21-6:
AD1CSSL: A/D INPUT SCAN SELECT REGISTER
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CSSL15
—
—
CSSL12
CSSL11
CSSL10
CSSL9
CSSL8(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CSSL7(1)
CSSL6(1)
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CSSL15:
Band Gap Reference Input Pin Scan Selection bits
1 =
Band gap voltage reference channel selected for input scan
0 =
Band gap voltage reference channel omitted from input scan
bit 14-13
Unimplemented:
Read as ‘0’
bit 12-0
CSSL12:CSSL0:
A/D Input Pin Scan Selection bits(1)
1 =
Corresponding analog channel selected for input scan
0 =
Analog channel omitted from input scan
Note 1:
Analog channels AN6, AN7 and AN8 are unavailable on 28-pin devices; leave these corresponding bits
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com