Electronic Components Datasheet Search
  English  ▼

X  

64GA002 Datasheet(PDF) 210 Page - Microchip Technology

Part # 64GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA002 Datasheet(HTML) 210 Page - Microchip Technology

Back Button 64GA002 Datasheet HTML 206Page - Microchip Technology 64GA002 Datasheet HTML 207Page - Microchip Technology 64GA002 Datasheet HTML 208Page - Microchip Technology 64GA002 Datasheet HTML 209Page - Microchip Technology 64GA002 Datasheet HTML 210Page - Microchip Technology 64GA002 Datasheet HTML 211Page - Microchip Technology 64GA002 Datasheet HTML 212Page - Microchip Technology 64GA002 Datasheet HTML 213Page - Microchip Technology 64GA002 Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 210
 2010 Microchip Technology Inc.
REGISTER 24-2:
CW2: FLASH CONFIGURATION WORD 2
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
IESO
WUTSEL1(1) WUTSEL0(1) SOSCSEL1(1) SOSCSEL0(1)
FNOSC2
FNOSC1
FNOSC0
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
R/PO-1
U-1
R/PO-1
R/PO-1
R/PO-1
FCKSM1
FCKSM0
OSCIOFCN
IOL1WAY
—
I2C1SEL
POSCMD1
POSCMD0
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
PO = Program Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 23-16
Unimplemented:
Read as ‘1’
bit 15
IESO:
Internal External Switchover bit
1
= IESO mode (Two-Speed Start-up) enabled
0
= IESO mode (Two-Speed Start-up) disabled
bit 14-13
WUTSEL1:WUTSEL0:
Voltage Regulator Standby Mode Wake-up Time Select bits(1)
11
= Default regulator start-up time used
01
= Fast regulator start-up time used
x0
= Reserved; do not use
bit 12-11
SOSCSEL1:SOSCSEL0:
Secondary Oscillator Power Mode Select bits(1)
11
= Default (High Drive Strength) mode
01
= Low-Power (Low Drive Strength) mode
x0
= Reserved; do not use
bit 10-8
FNOSC2:FNOSC0:
Initial Oscillator Select bits
111
= Fast RC Oscillator with Postscaler (FRCDIV)
110
= Reserved
101
= Low-Power RC Oscillator (LPRC)
100
= Secondary Oscillator (SOSC)
011
= Primary Oscillator with PLL module (XTPLL, HSPLL, ECPLL)
010
= Primary Oscillator (XT, HS, EC)
001
= Fast RC Oscillator with postscaler and PLL module (FRCPLL)
000
= Fast RC Oscillator (FRC)
bit 7-6
FCKSM1:FCKSM0:
Clock Switching and Fail-Safe Clock Monitor Configuration bits
1x
= Clock switching and Fail-Safe Clock Monitor are disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching is enabled, Fail-Safe Clock Monitor is enabled
bit 5
OSCIOFCN:
OSCO Pin Configuration bit
If POSCMD1:POSCMD0 = 11 or 00:
1
= OSCO/CLKO/RA3 functions as CLKO (FOSC/2)
0
= OSCO/CLKO/RA3 functions as port I/O (RA3)
If POSCMD1:POSCMD0 = 10 or 01:
OSCIOFCN has no effect on OSCO/CLKO/RA3.
bit 4
IOL1WAY:
IOLOCK One-Way Set Enable bit
1
= The OSCCON<IOLOCK> bit can be set once, provided the unlock sequence has been completed.
Once set, the Peripheral Pin Select registers cannot be written to a second time.
0
= The OSCCON<IOLOCK> bit can be set and cleared as needed, provided the unlock sequence has
been completed
bit 3
Unimplemented:
Read as ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com