Electronic Components Datasheet Search
  English  ▼

X  

64GA002 Datasheet(PDF) 260 Page - Microchip Technology

Part # 64GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA002 Datasheet(HTML) 260 Page - Microchip Technology

Back Button 64GA002 Datasheet HTML 256Page - Microchip Technology 64GA002 Datasheet HTML 257Page - Microchip Technology 64GA002 Datasheet HTML 258Page - Microchip Technology 64GA002 Datasheet HTML 259Page - Microchip Technology 64GA002 Datasheet HTML 260Page - Microchip Technology 64GA002 Datasheet HTML 261Page - Microchip Technology 64GA002 Datasheet HTML 262Page - Microchip Technology 64GA002 Datasheet HTML 263Page - Microchip Technology 64GA002 Datasheet HTML 264Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 260
 2010 Microchip Technology Inc.
APPENDIX B:
ADDITIONAL
GUIDANCE FOR
PIC24FJ64GA004
FAMILY
APPLICATIONS
B.1
Additional Methods for Power
Reduction
Devices in the PIC24FJ64GA004 family include a num-
ber of core features to significantly reduce the applica-
tion’s power requirements. For truly power-sensitive
applications, it is possible to further reduce the
application’s power demands by taking advantage of
the device’s regulator architecture. These methods
help decrease power in two ways: by disabling the
internal voltage regulator to eliminate its power con-
sumption, and by reducing the voltage on VDDCORE to
lower the device’s dynamic current requirements.
Using these methods, it is possible to reduce Sleep
currents (IPD) from 3.5
A to 250 nA (typical values,
refer to specifications DC60d and DC60g in
Table 27-6). For dynamic power consumption, the
reduction in VDDCORE from 2.5V, provided by the
regulator, to 2.0V can provide a power reduction of
about 30%.
When using a regulated power source or a battery with
a constant output voltage, it is possible to decrease
power consumption by disabling the regulator. In this
case (Figure B-1), a simple diode can be used to
reduce the voltage from 3V or greater to the 2V-2.5V
required for VDDCORE. This method is only advised on
power supplies, such as Lithium Coin cells, which
maintain a constant voltage over the life of the battery.
FIGURE B-1:
POWER REDUCTION
EXAMPLE FOR CONSTANT
VOLTAGE SUPPLIES
A similar method can be used for non-regulated
sources (Figure B-2). In this case, it can be beneficial
to use a low quiescent current external voltage regula-
tor. Devices such as the MCP1700 consume only 1
A
to regulate to 2V or 2.5V, which is lower than the
current required to power the internal voltage regulator.
FIGURE B-2:
POWER REDUCTION
EXAMPLE FOR
NON-REGULATED SUPPLIES
VDD
DISVREG
VDDCORE
VSS
PIC24FJ64GA
3.0V
D1
Coin Cell
2.3V
VDD
DISVREG
VDDCORE
VSS
PIC24FJ64GA
3.3V
‘AA’
MCP1700
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com