Electronic Components Datasheet Search
  English  ▼

X  

64GA002 Datasheet(PDF) 138 Page - Microchip Technology

Part # 64GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA002 Datasheet(HTML) 138 Page - Microchip Technology

Back Button 64GA002 Datasheet HTML 134Page - Microchip Technology 64GA002 Datasheet HTML 135Page - Microchip Technology 64GA002 Datasheet HTML 136Page - Microchip Technology 64GA002 Datasheet HTML 137Page - Microchip Technology 64GA002 Datasheet HTML 138Page - Microchip Technology 64GA002 Datasheet HTML 139Page - Microchip Technology 64GA002 Datasheet HTML 140Page - Microchip Technology 64GA002 Datasheet HTML 141Page - Microchip Technology 64GA002 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 138
 2010 Microchip Technology Inc.
FIGURE 14-1:
OUTPUT COMPARE MODULE BLOCK DIAGRAM
Comparator
Output
Logic
Q
S
R
OCM2:OCM0
Output Enable
OCx(1)
Set Flag bit
OCxIF(1)
OCxRS(1)
Mode Select(4)
3
Note
1:
Where ‘x’ is shown, reference is made to the registers associated with the respective output compare channels 1
through 5.
2:
OCFA pin controls OC1-OC4 channels. OCFB pin controls the OC5 channel.
3:
Each output compare channel can use one of two selectable time bases. Refer to the device data sheet for the time
bases associated with the module.
4:
This peripheral’s inputs and outputs must be assigned to an available RPn pin before use. Please see Section 10.4
“Peripheral Pin Select”
section for more information.
OCTSEL
0
1
16
16
OCFA or OCFB(2)
TMR register inputs
from time bases
(see Note 3).
Period match signals
from time bases
(see Note 3).
0
1
OCxR(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com