Electronic Components Datasheet Search
  English  ▼

X  

64GA004 Datasheet(PDF) 240 Page - Microchip Technology

Part # 64GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA004 Datasheet(HTML) 240 Page - Microchip Technology

Back Button 64GA004 Datasheet HTML 236Page - Microchip Technology 64GA004 Datasheet HTML 237Page - Microchip Technology 64GA004 Datasheet HTML 238Page - Microchip Technology 64GA004 Datasheet HTML 239Page - Microchip Technology 64GA004 Datasheet HTML 240Page - Microchip Technology 64GA004 Datasheet HTML 241Page - Microchip Technology 64GA004 Datasheet HTML 242Page - Microchip Technology 64GA004 Datasheet HTML 243Page - Microchip Technology 64GA004 Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 240
 2010 Microchip Technology Inc.
TABLE 27-10: INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
Operating Conditions:
-40°C < TA < +125°C (unless otherwise stated)
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
VRGOUT
Regulator Output Voltage
—
2.5
—
V
VBG
Band Gap Reference Voltage
—
1.23
—
V
CEFC
External Filter Capacitor Value
4.7
10
—
F
Series resistance < 3 Ohm
recommended;
< 5 Ohm required.
TVREG
Voltage Regulator Start-up
Time
—10—
s
POR, BOR or when
VREGS = 1
—25—
sVREGS = 0,
WUTSEL<1:0> = 01(1)
—
190
—
sVREGS = 0,
WUTSEL<1:0> = 11(2)
TPWRT
—
64
—
ms
DISVREG = VDD
Note 1:
Available only in devices with a major silicon revision level of B or later (DEVREV register value is 3042h
or greater).
2:
WUTSEL Configuration bits setting is applicable only in devices with a major silicon revision level of B or
later. This specification also applies to all devices prior to revision level B whenever VREGS = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com