| Electronic Components Datasheet Search |
|
64GA004 Datasheet(PDF) 261 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA004 Datasheet(HTML) 261 Page - Microchip Technology |
|
261 / 268 page ![]() 2010 Microchip Technology Inc. DS39881D-page 261 PIC24FJ64GA004 FAMILY INDEX A A/D Converter Analog Input Model ................................................... 198 Transfer Function...................................................... 199 Additional Guidance for Family Applications..................... 260 Assembler MPASM Assembler................................................... 218 B Block Diagrams 10-Bit High-Speed A/D Converter............................. 192 Accessing Program Memory with Table Instructions ............................................... 47 Addressable PMP Example ...................................... 174 CALL Stack Frame...................................................... 45 Comparator Operating Modes .................................. 201 Comparator Voltage Reference ................................ 205 CPU Programmer’s Model .......................................... 27 CRC Reconfigured for Polynomial ............................ 188 CRC Shifter Details................................................... 187 Data Access From Program Space Address Generation............................................ 46 I2C Module ................................................................ 152 Input Capture ............................................................ 133 Legacy PMP Example............................................... 174 On-Chip Regulator Connections ............................... 212 Output Compare ....................................................... 138 PIC24F CPU Core ...................................................... 26 PIC24FJ64GA004 Family (General) ........................... 12 PMP Master Port Examples .............................. 174–176 PMP Module Overview ............................................. 167 PSV Operation ............................................................ 48 Reset System.............................................................. 55 RTCC ........................................................................ 177 Shared I/O Port Structure ......................................... 105 Simplified UART........................................................ 159 SPI Master/Frame Master Connection...................... 149 SPI Master/Frame Slave Connection........................ 149 SPI Master/Slave Connection (Enhanced Buffer Mode) ..................................................... 148 SPI Master/Slave Connection (Standard Mode) ....... 148 SPI Slave/Frame Master Connection........................ 149 SPI Slave/Frame Slave Connection.......................... 149 SPIx Module (Enhanced Mode) ................................ 143 SPIx Module (Standard Mode).................................. 142 System Clock Diagram ............................................... 95 Timer1....................................................................... 125 Timer2 and Timer4 (16-Bit Modes) ........................... 129 Timer2/3 and Timer4/5 (32-Bit Mode)....................... 128 Timer3 and Timer5 (16-Bit Modes) ........................... 129 Watchdog Timer (WDT) ............................................ 214 C C Compilers MPLAB C18.............................................................. 218 MPLAB C30.............................................................. 218 Code Examples Basic Clock Switching Example ............................... 101 Configuring UART 1 Input and Output Functions (PPS) ............................................... 110 Erasing a Program Memory Block.............................. 52 I/O Port Read/Write .................................................. 106 Initiating a Programming Sequence ........................... 53 Loading the Write Buffers ........................................... 53 Single-Word Flash Programming ............................... 54 Code Protection................................................................ 214 Configuration Bits ............................................................. 207 Core Features....................................................................... 9 CPU ALU............................................................................. 29 Control Registers........................................................ 28 Core Registers............................................................ 27 Programmer’s Model .................................................. 25 CRC CRCXOR Register.................................................... 190 Operation in Power Save Modes.............................. 188 User Interface ........................................................... 188 Customer Change Notification Service............................. 265 Customer Notification Service .......................................... 265 Customer Support............................................................. 265 D Data Memory Address Space ........................................................... 33 Memory Map............................................................... 33 Near Data Space ........................................................ 34 Organization ............................................................... 34 SFR Space ................................................................. 34 Software Stack ........................................................... 45 Development Support ....................................................... 217 Device Features (Summary)............................................... 11 DISVREG Pin ................................................................... 212 Doze Mode ....................................................................... 104 E Electrical Characteristics A/D Specifications .................................................... 244 Absolute Maximum Ratings...................................... 229 Current Specifications ...................................... 233–237 I/O Pin Specifications ....................................... 238–239 Internal Clock Specifications .................................... 242 Load Conditions and Requirements for AC Characteristics............................................ 240 Program Memory Specifications............................... 239 Thermal Operating Conditions.................................. 231 V/F Graphs ............................................................... 230 Voltage Ratings ........................................................ 232 Voltage Regulator Specifications.............................. 239 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |