Electronic Components Datasheet Search
  English  ▼

X  

18F8680 Datasheet(PDF) 308 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 308 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 304Page - Microchip Technology 18F8680 Datasheet HTML 305Page - Microchip Technology 18F8680 Datasheet HTML 306Page - Microchip Technology 18F8680 Datasheet HTML 307Page - Microchip Technology 18F8680 Datasheet HTML 308Page - Microchip Technology 18F8680 Datasheet HTML 309Page - Microchip Technology 18F8680 Datasheet HTML 310Page - Microchip Technology 18F8680 Datasheet HTML 311Page - Microchip Technology 18F8680 Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 306
 2004 Microchip Technology Inc.
23.2.3.2
Message Acceptance Filters
and Masks
This subsection describes the message acceptance
filters and masks for the CAN receive buffers.
REGISTER 23-37: RXFnSIDH: RECEIVE ACCEPTANCE FILTER n STANDARD IDENTIFIER FILTER
REGISTERS, HIGH BYTE [0
≤ n ≤ 15](1)
REGISTER 23-38: RXFnSIDL: RECEIVE ACCEPTANCE FILTER n STANDARD IDENTIFIER FILTER
REGISTERS, LOW BYTE [0
≤ n ≤ 15](1)
Note:
These
registers
are
writable
in
Configuration mode only.
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
bit 7
bit 0
bit 7-0
SID10:SID3: Standard Identifier Filter bits, if EXIDEN = 0;
Extended Identifier Filter bits EID28:EID21, if EXIDEN = 1.
Note 1: Registers RXF6SIDH:RXF15SIDH are available in Mode 1 and 2 only.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
U-0
R/W-x
U-0
R/W-x
R/W-x
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
bit 7
bit 0
bit 7-5
SID2:SID0: Standard Identifier Filter bits, if EXIDEN = 0;
Extended Identifier Filter bits EID20:EID18, if EXIDEN = 1.
bit 4
Unimplemented: Read as ‘0’
bit 3
EXIDEN: Extended Identifier Filter Enable bit
1
= Filter will only accept extended ID messages
0
= Filter will only accept standard ID messages
Note:
In Mode 0, this bit must be set/cleared as required, irrespective of corresponding
mask register value.
bit 2
Unimplemented: Read as ‘0’
bit 1-0
EID17:EID16: Extended Identifier Filter bits
Note 1: Registers RXF6SIDL:RXF15SIDL are available in Mode 1 and 2 only.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com