Electronic Components Datasheet Search
  English  ▼

X  

NSPG500DS Datasheet(PDF) 10 Page - Marl International Limited

Part # NSPG500DS
Description  GREEN LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

NSPG500DS Datasheet(HTML) 10 Page - Marl International Limited

Back Button NSPG500DS Datasheet HTML 6Page - Marl International Limited NSPG500DS Datasheet HTML 7Page - Marl International Limited NSPG500DS Datasheet HTML 8Page - Marl International Limited NSPG500DS Datasheet HTML 9Page - Marl International Limited NSPG500DS Datasheet HTML 10Page - Marl International Limited NSPG500DS Datasheet HTML 11Page - Marl International Limited NSPG500DS Datasheet HTML 12Page - Marl International Limited NSPG500DS Datasheet HTML 13Page - Marl International Limited NSPG500DS Datasheet HTML 14Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
Ta=25°C
IFP=5mA
IFP=20mA
IFP=60mA
Ta=25°C
Ta=25°C
IFP=20mA
200
110
50
20
10
35
020
40
60
100 120
80
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20
3.5
3.0
2.5
1.5
1.0
0.5
0
2.0
1
5
10
20
100
50
60
80
100
40
020
40
30
20
0
10
8.5
35
1000
200
10
100
20
110
10.0
1.0
0.5
0.1
2.5
3.0
3.5
4.5
4.0
4.5
4.0
3.0
2.5
3.5
NSPGxxxx
080801823571
Model
NICHIA CORPORATION Title
No.
CHARACTERISTICS


Similar Part No. - NSPG500DS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG500DS NICHIA-NSPG500DS Datasheet
252Kb / 16P
   SPECIFICATIONS FOR GREEN LED
logo
AAEON Technology
NSPG500DS AAEON-NSPG500DS Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG500DS AAEON-NSPG500DS_15 Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
More results

Similar Description - NSPG500DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG546BS ETC-NSPG546BS Datasheet
367Kb / 15P
   GREEN LED
logo
NICHIA CORPORATION
NSPG513A NICHIA-NSPG513A Datasheet
197Kb / 15P
   GREEN LED
NSPG513 NICHIA-NSPG513 Datasheet
234Kb / 15P
   GREEN LED
NSPG520AS NICHIA-NSPG520AS Datasheet
200Kb / 15P
   GREEN LED
NSPGR70ASS NICHIA-NSPGR70ASS Datasheet
548Kb / 13P
   GREEN LED
NCSGE17AT NICHIA-NCSGE17AT Datasheet
301Kb / 19P
   GREEN LED
NE2G757GT NICHIA-NE2G757GT Datasheet
285Kb / 18P
   GREEN LED
NSPG320BS NICHIA-NSPG320BS Datasheet
276Kb / 15P
   GREEN LED
NSPG510S NICHIA-NSPG510S Datasheet
275Kb / 15P
   GREEN LED
NSPGR70BSS NICHIA-NSPGR70BSS Datasheet
290Kb / 13P
   GREEN LED
logo
Marl International Limi...
NSPG520AS MARL-NSPG520AS Datasheet
201Kb / 15P
   GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com