Electronic Components Datasheet Search
  English  ▼

X  

NSPG500DS Datasheet(PDF) 3 Page - Marl International Limited

Part # NSPG500DS
Description  GREEN LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

NSPG500DS Datasheet(HTML) 3 Page - Marl International Limited

  NSPG500DS Datasheet HTML 1Page - Marl International Limited NSPG500DS Datasheet HTML 2Page - Marl International Limited NSPG500DS Datasheet HTML 3Page - Marl International Limited NSPG500DS Datasheet HTML 4Page - Marl International Limited NSPG500DS Datasheet HTML 5Page - Marl International Limited NSPG500DS Datasheet HTML 6Page - Marl International Limited NSPG500DS Datasheet HTML 7Page - Marl International Limited NSPG500DS Datasheet HTML 8Page - Marl International Limited NSPG500DS Datasheet HTML 9Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
-2-
Color Ranks
(IF=20mA,Ta=25°C)
Rank G
Rank H
x
0.14
0.14
0.22
0.22
x
0.21
0.21
0.28
0.28
y
0.64
0.74
0.74
0.64
y
0.65
0.73
0.73
0.65
Color Coordinates Measurement allowance is ± 0.01.
Basically, a shipment shall consist of the LEDs of a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.
2.INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to “CHARACTERISTICS” on the following pages.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to “OUTLINE DIMENSIONS” on the following page.
Material as follows ;
4.PACKAGING
· The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags.
Please refer to “PACKING” on the following pages.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
- Year
( 7 for 2007, 8 for 2008 )
- Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov. )
- Nichia's Product Number
- Ranking by Color Coordinates
- Ranking by Luminous Intensity
Resin
Leadframe
:
:
Epoxy Resin
Ag plating Copper Alloy
Nichia STS-DA1-0450A
<Cat.No.081104>


Similar Part No. - NSPG500DS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG500DS NICHIA-NSPG500DS Datasheet
252Kb / 16P
SPECIFICATIONS FOR GREEN LED
logo
AAEON Technology
NSPG500DS AAEON-NSPG500DS Datasheet
482Kb / 14P
SPECIFICATIONS FOR NICHIA GREEN LED
NSPG500DS AAEON-NSPG500DS_15 Datasheet
482Kb / 14P
SPECIFICATIONS FOR NICHIA GREEN LED
More results

Similar Description - NSPG500DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG546BS ETC-NSPG546BS Datasheet
367Kb / 15P
GREEN LED
logo
NICHIA CORPORATION
NSPG320BS NICHIA-NSPG320BS Datasheet
276Kb / 15P
GREEN LED
NSPG510S NICHIA-NSPG510S Datasheet
275Kb / 15P
GREEN LED
NSPG513A NICHIA-NSPG513A Datasheet
197Kb / 15P
GREEN LED
NSPG513 NICHIA-NSPG513 Datasheet
234Kb / 15P
GREEN LED
NSPG520AS NICHIA-NSPG520AS Datasheet
200Kb / 15P
GREEN LED
NSPGR70ASS NICHIA-NSPGR70ASS Datasheet
548Kb / 13P
GREEN LED
NSPGR70BSS NICHIA-NSPGR70BSS Datasheet
290Kb / 13P
GREEN LED
logo
Marl International Limi...
NSPG520AS MARL-NSPG520AS Datasheet
201Kb / 15P
GREEN LED
logo
NICHIA CORPORATION
NCSGE17AT NICHIA-NCSGE17AT Datasheet
301Kb / 19P
GREEN LED
NE2G757GT NICHIA-NE2G757GT Datasheet
285Kb / 18P
GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com