Electronic Components Datasheet Search
  English  ▼

X  

DSPIC30F2010 Datasheet(PDF) 158 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 158 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 154Page - Microchip Technology DSPIC30F2010 Datasheet HTML 155Page - Microchip Technology DSPIC30F2010 Datasheet HTML 156Page - Microchip Technology DSPIC30F2010 Datasheet HTML 157Page - Microchip Technology DSPIC30F2010 Datasheet HTML 158Page - Microchip Technology DSPIC30F2010 Datasheet HTML 159Page - Microchip Technology DSPIC30F2010 Datasheet HTML 160Page - Microchip Technology DSPIC30F2010 Datasheet HTML 161Page - Microchip Technology DSPIC30F2010 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 156
© 2007 Microchip Technology Inc.
Any interrupt that is individually enabled (using the
corresponding IE bit) and meets the prevailing priority
level can wake-up the processor. The processor
processes the interrupt and branches to the ISR. The
SLEEP status bit in the RCON register is set upon
wake-up.
All Resets wake-up the processor from Sleep mode.
Any Reset, other than POR, sets the SLEEP status bit.
In a POR, the SLEEP bit is cleared.
If Watchdog Timer is enabled, the processor wakes-up
from Sleep mode upon WDT time-out. The SLEEP and
WDTO status bits are both set.
21.5.2
IDLE MODE
In Idle mode, the clock to the CPU is shut down while
peripherals keep running. Unlike Sleep mode, the clock
source remains active.
Several peripherals have a control bit in each module,
that allows them to operate during Idle.
LPRC Fail-Safe Clock Monitor remains active if clock
failure detect is enabled.
The processor wakes up from Idle if at least one of the
following conditions is true:
• on any interrupt that is individually enabled (IE bit
is ‘1’) and meets the required priority level
• on any Reset (POR, BOR, MCLR)
• on WDT time-out
Upon wake-up from Idle mode, the clock is re-applied
to the CPU and instruction execution begins immedi-
ately, starting with the instruction following the PWRSAV
instruction.
Any interrupt that is individually enabled (using IE bit)
and meets the prevailing priority level can wake-up the
processor. The processor processes the interrupt and
branches to the ISR. The IDLE status bit in RCON
register is set upon wake-up.
Any Reset, other than POR, sets the IDLE status bit.
On a POR, the IDLE bit is cleared.
If Watchdog Timer is enabled, then the processor
wakes-up from Idle mode upon WDT time-out. The
IDLE and WDTO status bits are both set.
Unlike wake-up from Sleep, there are no time delays
involved in wake-up from Idle.
21.6
Device Configuration Registers
The Configuration bits in each device Configuration
register specify some of the device modes and are
programmed by a device programmer, or by using the
In-Circuit Serial Programming™ (ICSP™) feature of the
device. Each device Configuration register is a 24-bit
register, but only the lower 16 bits of each register are
used to hold configuration data. There are four device
Configuration registers available to the user:
1.
FOSC (0xF80000): Oscillator Configuration
Register
2.
FWDT (0xF80002): Watchdog Timer
Configuration Register
3.
FBORPOR (0xF80004): BOR and POR
Configuration Register
4.
FGS (0xF8000A): General Code Segment
Configuration Register
The placement of the Configuration bits is automatically
handled when you select the device in your device
programmer. The desired state of the Configuration bits
may be specified in the source code (dependent on the
language tool used), or through the programming
interface. After the device has been programmed, the
application software may read the Configuration bit
values through the table read instructions. For additional
information,
please
refer
to
the
programming
specifications of the device.
Note:
In spite of various delays applied (TPOR,
TLOCK and TPWRT), the crystal oscillator
(and PLL) may not be active at the end of
the time-out (e.g., for low-frequency crys-
tals). In such cases, if FSCM is enabled,
the device detects this condition as a clock
failure and processes the clock failure
trap. The FRC oscillator is enabled, and
the user must re-enable the crystal oscilla-
tor. If FSCM is not enabled, then the
device simply suspends execution of code
until the clock is stable and remains in
Sleep until the oscillator clock has started.
Note:
If the code protection Configuration fuse
bits
(FGS<GCP>
and
FGS<GWRP>)
have been programmed, an erase of the
entire
code-protected
device
is
only
possible at voltages VDD
≥ 4.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com