Electronic Components Datasheet Search
  English  ▼

X  

DSPIC30F2010 Datasheet(PDF) 195 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 195 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 191Page - Microchip Technology DSPIC30F2010 Datasheet HTML 192Page - Microchip Technology DSPIC30F2010 Datasheet HTML 193Page - Microchip Technology DSPIC30F2010 Datasheet HTML 194Page - Microchip Technology DSPIC30F2010 Datasheet HTML 195Page - Microchip Technology DSPIC30F2010 Datasheet HTML 196Page - Microchip Technology DSPIC30F2010 Datasheet HTML 197Page - Microchip Technology DSPIC30F2010 Datasheet HTML 198Page - Microchip Technology DSPIC30F2010 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 236 page
background image
© 2007 Microchip Technology Inc.
Confidential
DS70135E-page 193
dsPIC30F4011/4012
FIGURE 24-12:
MOTOR CONTROL PWM MODULE FAULT TIMING CHARACTERISTICS
FIGURE 24-13:
MOTOR CONTROL PWM MODULE TIMING CHARACTERISTICS
FLTA
PWMx
MP30
MP20
PWMx
MP11
MP10
Note: Refer to Figure 24-2 for load conditions.
TABLE 24-29: MOTOR CONTROL PWM MODULE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
MP10
TFPWM
PWM Output Fall Time
—
—
—
ns
See parameter DO32
MP11
TRPWM
PWM Output Rise
Time
—
—
—
ns
See parameter DO31
MP20
TFD
Fault Input
↓ to PWM
I/O Change
—
—
50
ns
MP30
TFH
Minimum Pulse Width
50
—
—
ns
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com