Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 103 Page - Microsemi Corporation

Part # FG256
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG256 Datasheet(HTML) 103 Page - Microsemi Corporation

Back Button FG256 Datasheet HTML 99Page - Microsemi Corporation FG256 Datasheet HTML 100Page - Microsemi Corporation FG256 Datasheet HTML 101Page - Microsemi Corporation FG256 Datasheet HTML 102Page - Microsemi Corporation FG256 Datasheet HTML 103Page - Microsemi Corporation FG256 Datasheet HTML 104Page - Microsemi Corporation FG256 Datasheet HTML 105Page - Microsemi Corporation FG256 Datasheet HTML 106Page - Microsemi Corporation FG256 Datasheet HTML 107Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 162 page
background image
ProASIC3E Flash Family FPGAs
Revision 13
4-3
108
TDO
109
TRST
110
VJTAG
111
VMV3
112
GDA0/IO67NPB3V1
113
GDB0/IO66NPB3V1
114
GDA1/IO67PPB3V1
115
GDB1/IO66PPB3V1
116
GDC0/IO65NDB3V1
117
GDC1/IO65PDB3V1
118
IO62NDB3V1
119
IO62PDB3V1
120
IO58NDB3V0
121
IO58PDB3V0
122
GND
123
VCCIB3
124
GCC2/IO55PSB3V0
125
GCB2/IO54PSB3V0
126
NC
127
IO53NDB3V0
128
GCA2/IO53PDB3V0
129
GCA1/IO52PPB3V0
130
GND
131
VCCPLC
132
GCA0/IO52NPB3V0
133
VCOMPLC
134
GCB0/IO51NDB2V1
135
GCB1/IO51PDB2V1
136
GCC1/IO50PSB2V1
137
IO49NDB2V1
138
IO49PDB2V1
139
IO48PSB2V1
140
VCCIB2
141
GND
142
VCC
143
IO47NDB2V1
PQ208
Pin Number
A3PE600 Function
144
IO47PDB2V1
145
IO44NDB2V1
146
IO44PDB2V1
147
IO43NDB2V0
148
IO43PDB2V0
149
IO40NDB2V0
150
IO40PDB2V0
151
GBC2/IO38PSB2V0
152
GBA2/IO36PSB2V0
153
GBB2/IO37PSB2V0
154
VMV2
155
GNDQ
156
GND
157
VMV1
158
GNDQ
159
GBA1/IO35PDB1V1
160
GBA0/IO35NDB1V1
161
GBB1/IO34PDB1V1
162
GND
163
GBB0/IO34NDB1V1
164
GBC1/IO33PDB1V1
165
GBC0/IO33NDB1V1
166
IO31PDB1V1
167
IO31NDB1V1
168
IO27PDB1V0
169
IO27NDB1V0
170
VCCIB1
171
VCC
172
IO23PPB1V0
173
IO22PSB1V0
174
IO23NPB1V0
175
IO21PDB1V0
176
IO21NDB1V0
177
IO19PPB0V2
178
GND
179
IO18PPB0V2
PQ208
Pin Number
A3PE600 Function
180
IO19NPB0V2
181
IO18NPB0V2
182
IO17PPB0V2
183
IO16PPB0V2
184
IO17NPB0V2
185
IO16NPB0V2
186
VCCIB0
187
VCC
188
IO15PDB0V2
189
IO15NDB0V2
190
IO13PDB0V2
191
IO13NDB0V2
192
IO11PSB0V1
193
IO09PDB0V1
194
IO09NDB0V1
195
GND
196
IO07PDB0V1
197
IO07NDB0V1
198
IO05PDB0V0
199
IO05NDB0V0
200
VCCIB0
201
GAC1/IO02PDB0V0
202
GAC0/IO02NDB0V0
203
GAB1/IO01PDB0V0
204
GAB0/IO01NDB0V0
205
GAA1/IO00PDB0V0
206
GAA0/IO00NDB0V0
207
GNDQ
208
VMV0
PQ208
Pin Number
A3PE600 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com