Electronic Components Datasheet Search
  English  ▼

X  

AX500 Datasheet(PDF) 257 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 257 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 253Page - Microsemi Corporation AX500 Datasheet HTML 254Page - Microsemi Corporation AX500 Datasheet HTML 255Page - Microsemi Corporation AX500 Datasheet HTML 256Page - Microsemi Corporation AX500 Datasheet HTML 257Page - Microsemi Corporation AX500 Datasheet HTML 258Page - Microsemi Corporation AX500 Datasheet HTML 259Page - Microsemi Corporation AX500 Datasheet HTML 260Page - Microsemi Corporation AX500 Datasheet HTML 261Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
4-3
Revision 12
(v2.4)
Revised ordering information and timing data to reflect phase out of –3 speed
grade options.
Table 2-3 was updated.
2
Revision 11
(v2.3)
The "Packaging Data" section is new.
iv
Table 2-2 was updated.
2-1
"VCCDA Supply Voltage" was updated.
2-9
"PRA/B/C/D Probe A, B, C and D" was updated.
2-10
The "User I/Os" was updated.
2-11
Revision 10
(v2.2)
Figure 1-3 was updated.
1-2
Table 2-2 was updated.
2-1
The "Power-Up/Down Sequence" section was updated.
2-1
Table 2-4 was updated.
2-3
Table 2-5 was updated.
2-4
The "Timing Characteristics" section was added.
2-7
Table 2-7 was updated.
2-7
Figure 2-1 was updated.
2-8
The External Setup and Clock-to-Out (Pad-to-Pad) equations in the "Hardwired
Clock – Using LVTTL 24 mA High Slew Clock I/O" section were updated.
2-8
The External Setup and Clock-to-Out (Pad-to-Pad) in the "Routed Clock – Using
LVTTL 24 mA High Slew Clock I/O" section were updated.
2-8
The "Global Pins" section was updated.
2-10
The "User I/Os" section was updated.
2-11
Table 2-17 was updated.
2-19
Figure 2-8 was updated.
2-20
Figure 2-13 and Figure 2-14 were updated.
2-24
The following timing parameters were renamed in I/O timing characteristic
tables from Table 2-22 to Table 2-60:
tIOCLKQ > tICLKQ
tIOCLKY > tOCLKQ
2-26 to 2-52
Timing numbers were updated from Table 2-22 to Table 2-78.
2-26 to 2-69
The "R-Cell" section was updated.
2-58
Figure 2-59 was updated.
2-89
Figure 2-60 was updated.
2-89
Figure 2-67 was updated.
2-100
Figure 2-68 was updated.
2-101
Table 2-89 to Table 2-93 were updated.
2-90 to 2-94
Table 2-98 to Table 2-102 were updated.
2-102 to
2-106
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com