Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 207 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 207 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 203Page - Advanced Micro Devices AM79C971 Datasheet HTML 204Page - Advanced Micro Devices AM79C971 Datasheet HTML 205Page - Advanced Micro Devices AM79C971 Datasheet HTML 206Page - Advanced Micro Devices AM79C971 Datasheet HTML 207Page - Advanced Micro Devices AM79C971 Datasheet HTML 208Page - Advanced Micro Devices AM79C971 Datasheet HTML 209Page - Advanced Micro Devices AM79C971 Datasheet HTML 210Page - Advanced Micro Devices AM79C971 Datasheet HTML 211Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 265 page
background image
Am79C971
207
SWITCHING CHARACTERISTICS: ATTACHMENT UNIT INTERFACE
Notes:
1. DI pulses narrower than tPWODI (min) will be rejected; pulses wider than tPWODI (max) will turn internal DI carrier sense on.
2. DI pulses narrower than tPWKDI (min) will maintain internal DI carrier sense on; pulses wider than tPWKDI (max) will turn
internal DI carrier sense off.
3. CI pulses narrower than tPWOCI (min) will be rejected; pulses wider than tPWOCI (max) will turn internal CI carrier sense on.
4. CI pulses narrower than tPWKCI (min) will maintain internal CI carrier sense on; pulses wider than tPWKCI (max) will turn inter-
nal CI carrier sense off.
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
AUI Port
tDOTR
DO+, DO- Rise Time (10% to 90%)
2.5
5.0
ns
tDOTF
DO+, DO- Fall Time (10% to 90%)
2.5
5.0
ns
tDORM
DO+, DO- Rise and Fall Time
Mismatch
1.0
ns
tDOETD
DO
± End of Transmission
200
375
ns
tPWODI
DI Pulse Width Accept/Reject
Threshold
|VIN| > |VASQ|
(Note 1)
15
45
ns
tPWKDI
DI Pulse Width Maintain/Turn-Off
Threshold
|VIN| > |VASQ|
(Note 2)
136
200
ns
tPWOCI
CI Pulse Width Accept/Reject
Threshold
|VIN| > |VASQ|
(Note 3)
10
26
ns
tPWKCI
CI Pulse Width Maintain/Turn-Off
Threshold
|VIN| > |VASQ|
(Note 4)
90
160
ns
Internal MENDEC Clock Timing
tX1
XTAL1 Period
VIN = External Clock
49.995
50.001
ns
tX1H
XTAL1 HIGH Pulse Width
VIN = External Clock
20
ns
tX1L
XTAL1 LOW Pulse Width
VIN = External Clock
20
ns
tX1R
XTAL1 Rise Time
VIN = External Clock
5
ns
tX1F
XTAL1 Fall Time
VIN = External Clock
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com