Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 212 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 212 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 208Page - Advanced Micro Devices AM79C971 Datasheet HTML 209Page - Advanced Micro Devices AM79C971 Datasheet HTML 210Page - Advanced Micro Devices AM79C971 Datasheet HTML 211Page - Advanced Micro Devices AM79C971 Datasheet HTML 212Page - Advanced Micro Devices AM79C971 Datasheet HTML 213Page - Advanced Micro Devices AM79C971 Datasheet HTML 214Page - Advanced Micro Devices AM79C971 Datasheet HTML 215Page - Advanced Micro Devices AM79C971 Datasheet HTML 216Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 265 page
background image
212
Am79C971
SWITCHING TEST CIRCUITS (CONTINUED)
Figure 59.
AUI DO Switching Test Circuit
Figure 60.
TXD Switching Test Circuit
Figure 61.
TXP Outputs Test Circuit
Test Point
52.3
Ω
154
Ω
AVDD
AVSS
100 pF
DO+
DO–
20550D-62
Test Point
294
Ω
DVDD
DVSS
100 pF
TXD+
TXD–
Includes Test
Jig Capacitance
294
Ω
20550D-63
Test Point
715
Ω
DVDD
DVSS
100 pF
TXP+
TXP–
Includes Test
Jig Capacitance
715
Ω
20550D-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com