Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 224 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 224 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 220Page - Advanced Micro Devices AM79C971 Datasheet HTML 221Page - Advanced Micro Devices AM79C971 Datasheet HTML 222Page - Advanced Micro Devices AM79C971 Datasheet HTML 223Page - Advanced Micro Devices AM79C971 Datasheet HTML 224Page - Advanced Micro Devices AM79C971 Datasheet HTML 225Page - Advanced Micro Devices AM79C971 Datasheet HTML 226Page - Advanced Micro Devices AM79C971 Datasheet HTML 227Page - Advanced Micro Devices AM79C971 Datasheet HTML 228Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 265 page
background image
224
Am79C971
SWITCHING WAVEFORMS: MEDIA INDEPENDENT INTERFACE
Figure 84.
Transmit Timing
Figure 85.
Receive Timing
Figure 86.
MDC Waveform
TX_CLK
tTVAL
TXD[3:0],
TX_EN,
TX_ER
Vihmin
Vilmax
Vihmin
Vilmax
20550D-87
RX_CLK
tRH
RXD[3:0],
RX_ER,
RX_DV
tRSU
Vihmin
Vilmax
Vihmin
Vilmax
20550D-88
MDC
0.8 V
1.5 V
2.0 V
t
MHIGH
t
MCYC
t
MLOW
0.8 V
2.4 V
1.5 V
2.0 V
0.4 V
20550D-89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com