Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 246 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 246 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 242Page - Advanced Micro Devices AM79C971 Datasheet HTML 243Page - Advanced Micro Devices AM79C971 Datasheet HTML 244Page - Advanced Micro Devices AM79C971 Datasheet HTML 245Page - Advanced Micro Devices AM79C971 Datasheet HTML 246Page - Advanced Micro Devices AM79C971 Datasheet HTML 247Page - Advanced Micro Devices AM79C971 Datasheet HTML 248Page - Advanced Micro Devices AM79C971 Datasheet HTML 249Page - Advanced Micro Devices AM79C971 Datasheet HTML 250Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 265 page
background image
D-10
Am79C971
Figure D4.
LAPP 3 Buffer Grouping for Two-interrupt Method
Note:
This document demonstrates a 3-buffer per packet implementation of LAPP. For PCnet-FAST application with external SRAMs
enabled, a 2-buffer per packet implementation can be used.
Descriptor
#1
Descriptor
#2
Descriptor
#3
Descriptor
#4
Descriptor
#5
Descriptor
#6
Descriptor
#7
Descriptor
#8
Descriptor
#9
OWN = 1
STP = 1
SIZE = HEADER_SIZE (minimum 64 bytes)
OWN = 1
STP = 0
SIZE = S1+S2+S3+S4
OWN = 0
STP = 0
SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE)
OWN = 1
STP = 1
SIZE = HEADER_SIZE (minimum 64 bytes)
OWN = 1
STP = 0
SIZE = S1+S2+S3+S4
OWN = 0
STP = 0
SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE)
OWN = 1
STP = 1
SIZE = HEADER_SIZE (minimum 64 bytes)
OWN = 1
STP = 0
SIZE = S1+S2+S3+S4
OWN = 0
STP = 0
SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE)
A = Expected message size in bytes
S1 = Interrupt latency
S2 = Application call latency
S3 = Time needed for driver to write
to third descriptor
S4 = Time needed for driver to copy
data from buffer #1 to
application buffer space
S6 = Time needed for driver to copy
data from buffer #2 to
application buffer space
Note that the times needed for tasks S1,
S2, S3, S4, and S6 should be divided by
0.8 microseconds to yield an equivalent
number of network byte times before
subtracting these quantities from the
expected message size A.
19364D-D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com