| Electronic Components Datasheet Search |
|
STM32F205RF Datasheet(PDF) 175 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RF Datasheet(HTML) 175 Page - STMicroelectronics |
|
175 / 177 page ![]() STM32F20xxx Revision history Doc ID 15818 Rev 9 175/177 29-Oct-2012 10 Changed minimum supply voltage from 1.65 to 1.8 V. Updated number of AHB buses in Section 2: Description and Section 2.2.12: Clocks and startup. Removed Figure 4. Compatible board design between STM32F10xx and STM32F2xx for LQFP176 package. Updated Note 2 below Figure 4: STM32F20x block diagram. Changed System memory to System memory + OTP in Figure 14: Memory map. Added Note 1 below Table 14: VCAP1/VCAP2 operating conditions. Updated VDDA and VREF+ decouping capacitor in Figure 17: Power supply scheme and updated Note 3. Changed simplex mode into half-duplex mode in Section 2.2.24: Inter- integrated sound (I2S). Replaced DAC1_OUT and DAC2_OUT by DAC_OUT1 and DAC_OUT2, respectively.Changed TIM2_CH1/TIM2_ETR into TIM2_CH1_ETR for PA0 and PA5 in Table 8: Alternate function mapping. Updated note applying to IDD (external clock and all peripheral disabled) in Table 18: Typical and maximum current consumption in Run mode, code with data processing running from Flash memory (ART accelerator disabled). Updated Note 3 below Table 20: Typical and maximum current consumption in Sleep mode. Removed fHSE_ext typical value in Table 26: High-speed external user clock characteristics. Updated master I2S clock jitter conditions and vlaues in Table 33: PLLI2S (audio PLL) characteristics. Updated equations in Section 5.3.11: PLL spread spectrum clock generation (SSCG) characteristics. Swapped TTL and CMOS port conditions for VOL and VOH in Table 45: Output voltage characteristics. Updated VIL(NRST) and VIH(NRST) in Table 47: NRST pin characteristics. Updated Table 52: SPI characteristics and Table 53: I2S characteristics. Removed note 1 related to measurement points below Figure 40: SPI timing diagram - slave mode and CPHA = 1, Figure 41: SPI timing diagram - master mode, and Figure 42: I2S slave timing diagram (Philips protocol)(1). Updated tHC in Table 59: ULPI timing. Updated Figure 46: Ethernet SMI timing diagram, Table 61: Dynamics characteristics: Ethernet MAC signals for SMI and Table 63: Dynamics characteristics: Ethernet MAC signals for MII. Update fTRIG in Table 64: ADC characteristics. Updated IDDA description in Table 66: DAC characteristics. Updated note below Figure 51: Power supply and reference decoupling (VREF+ not connected to VDDA) and Figure 52: Power supply and reference decoupling (VREF+ connected to VDDA). Table 94. Document revision history (continued) Date Revision Changes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |