Electronic Components Datasheet Search
  English  ▼

X  

TL4242-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL4242-Q1
Description  ADJUSTABLE LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4242-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL4242-Q1 Datasheet HTML 6Page - Texas Instruments TL4242-Q1 Datasheet HTML 7Page - Texas Instruments TL4242-Q1 Datasheet HTML 8Page - Texas Instruments TL4242-Q1 Datasheet HTML 9Page - Texas Instruments TL4242-Q1 Datasheet HTML 10Page - Texas Instruments TL4242-Q1 Datasheet HTML 11Page - Texas Instruments TL4242-Q1 Datasheet HTML 12Page - Texas Instruments TL4242-Q1 Datasheet HTML 13Page - Texas Instruments TL4242-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
J
A
JA
T
T
P
=
+ q
´
I
O
O
I
Q
P
(V
V ) I
V
I
=
-
´
+
´
TL4242-Q1
PWM
Q
REF
Vin
VDD
OUT
TLC555-Q1
STOP
TAIL
R
REF
LED
Dragon
TL4242-Q1
SLVS732E – JULY 2010 – REVISED JULY 2013
www.ti.com
Figure 9. Stoplight and Taillight Application Circuit
Figure 9 shows the application circuit of the stoplight and taillight including an automotive-qualified timer,
TLC555-Q1, the duty cycle of which is programmable by two external resistors. One can see that driving the
STOP signal high pulls the PWM pin constantly high, creating 100% duty cycle. Thus the LEDs operate at full
brightness. When the TAIL signal is high, the LEDs operate at 25% brightness because the TLC555-Q1 timer is
programmed at a fixed duty cycle of 25%.
Thermal Information
This device operates a thermal shutdown (TSD) circuit as a protection from overheating. For continuous normal
operation, the junction temperature should not exceed the thermal-shutdown trip point. If the junction temperature
exceeds the thermal-shutdown trip point, the output turns off. When the junction temperature falls below the
thermal-shutdown trip point, the output turns on again.
Calculate the power dissipated by the device according to the following formula:
In the formula, VI represents the input voltage of the device, VO stands for the output voltage, and IO means the
output current of LED and IQ is the quiescent current dissipated by the device. The very small value of IQ
sometimes allows one to neglect it.
After determining the power dissipated by the device, calculate the junction temperature from the ambient
temperature and the device thermal impedance.
PCB Design Guideline
In order to prevent thermal shutdown, TJ must be less than 150ºC. If the input voltage is very high, the power
dissipation might be large. Currently there is the KTT (DDPAK) package which has good thermal impedance, but
at the same time, the PCB layout is also very important. Good PCB design can optimize heat transfer, which is
absolutely essential for the long-term reliability of the device.
Maximize the copper coverage on the PCB to increase the thermal conductivity of the board, because the
major heat-flow path from the package to the ambient is through the copper on the PCB. Maximjum copper is
extremely important when there are not any heat sinks attached to the PCB on the other side of the package.
Add as many thermal vias as possible directly under the package ground pad to optimize the thermal
conductivity of the board.
All thermal vias should be either plated shut or plugged and capped on both sides of the board to prevent
solder voids. To ensure reliability and performance, the solder coverage should be at least 85 percent.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TL4242-Q1


Similar Part No. - TL4242-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4242 TI-TL4242 Datasheet
550Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
550Kb / 14P
ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
More results

Similar Description - TL4242-Q1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
Adjustable LED Driver
Rev. 1.0, 2004-01-01
logo
Texas Instruments
TL4242 TI-TL4242 Datasheet
550Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242_09 Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242_10 Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com