Electronic Components Datasheet Search
  English  ▼

X  

PIC18F242 Datasheet(PDF) 331 Page - Microchip Technology

Part # PIC18F242
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F242 Datasheet(HTML) 331 Page - Microchip Technology

Back Button PIC18F242 Datasheet HTML 324Page - Microchip Technology PIC18F242 Datasheet HTML 325Page - Microchip Technology PIC18F242 Datasheet HTML 326Page - Microchip Technology PIC18F242 Datasheet HTML 327Page - Microchip Technology PIC18F242 Datasheet HTML 328Page - Microchip Technology PIC18F242 Datasheet HTML 329Page - Microchip Technology PIC18F242 Datasheet HTML 330Page - Microchip Technology PIC18F242 Datasheet HTML 331Page - Microchip Technology PIC18F242 Datasheet HTML 332Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 331 / 332 page
background image
© 2006 Microchip Technology Inc.
DS39564C-page 329
PIC18FXX2
PIC18FXX2 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
−
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC18FXX2(1), PIC18FXX2T(2);
VDD range 4.2V to 5.5V
PIC18LFXX2(1), PIC18LFXX2T(2);
VDD range 2.5V to 5.5V
Temperature
Range
I=
-40
°C to +85°C (Industrial)
E=
-40
°C to +125°C (Extended)
Package
PT
=
TQFP (Thin Quad Flatpack)
SO =
SOIC
SP
=
Skinny Plastic DIP
P=
PDIP
L=
PLCC
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18LF452 - I/P 301 = Industrial temp.,
PDIP package, Extended VDD limits,
QTP pattern #301.
b)
PIC18LF242 - I/SO = Industrial temp.,
SOIC package, Extended VDD limits.
c)
PIC18F442 - E/P = Extended temp.,
PDIP package, normal VDD limits.
Note 1: F
= Standard Voltage range
LF
= Wide Voltage Range
2: T
= in tape and reel - SOIC,
PLCC, and TQFP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com