Electronic Components Datasheet Search
  English  ▼

X  

64GA106 Datasheet(PDF) 238 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 238 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 234Page - Microchip Technology 64GA106 Datasheet HTML 235Page - Microchip Technology 64GA106 Datasheet HTML 236Page - Microchip Technology 64GA106 Datasheet HTML 237Page - Microchip Technology 64GA106 Datasheet HTML 238Page - Microchip Technology 64GA106 Datasheet HTML 239Page - Microchip Technology 64GA106 Datasheet HTML 240Page - Microchip Technology 64GA106 Datasheet HTML 241Page - Microchip Technology 64GA106 Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 238
 2010 Microchip Technology Inc.
bit 4
CREF:
Comparator Reference Select bits (non-inverting input)
1
= Non-inverting input connects to internal CVREF voltage
0
= Non-inverting input connects to CXINA pin
bit 3-2
Unimplemented:
Read as ‘0’
bit 1-0
CCH<1:0>:
Comparator Channel Select bits
11
= Inverting input of comparator connects to VBG/2
10
= Inverting input of comparator connects to CXIND pin
01
= Inverting input of comparator connects to CXINC pin
00
= Inverting input of comparator connects to CXINB pin
REGISTER 22-1:
CMxCON: COMPARATOR x CONTROL REGISTERS
(COMPARATORS 1 THROUGH 3) (CONTINUED)
REGISTER 22-2:
CMSTAT: COMPARATOR MODULE STATUS REGISTER
R/W-0
U-0
U-0
U-0
U-0
R-0
R-0
R-0
CMIDL
—
—
—
—
C3EVT
C2EVT
C1EVT
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R-0
R-0
R-0
—
—
—
—
—
C3OUT
C2OUT
C1OUT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CMIDL:
Comparator Stop in Idle Mode bit
1
= Module does not generate interrupts in Idle mode, but is otherwise operational
0
= Module continues normal operation in Idle mode
bit 14-11
Unimplemented:
Read as ‘0’
bit 10
C3EVT:
Comparator 3 Event Status bit (read-only)
Shows the current event status of Comparator 3 (CM3CON<9>).
bit 9
C2EVT:
Comparator 2 Event Status bit (read-only)
Shows the current event status of Comparator 2 (CM2CON<9>).
bit 8
C1EVT:
Comparator 1 Event Status bit (read-only)
Shows the current event status of Comparator 1 (CM1CON<9>).
bit 7-3
Unimplemented:
Read as ‘0’
bit 2
C3OUT:
Comparator 3 Output Status bit (read-only)
Shows the current output of Comparator 3 (CM3CON<8>).
bit 1
C2OUT:
Comparator 2 Output Status bit (read-only)
Shows the current output of Comparator 2 (CM2CON<8>).
bit 0
C1OUT:
Comparator 1 Output Status bit (read-only)
Shows the current output of Comparator 1 (CM1CON<8>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com