Electronic Components Datasheet Search
  English  ▼

X  

PIC16F84A Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 124Page - Microchip Technology PIC16F84A Datasheet HTML 125Page - Microchip Technology PIC16F84A Datasheet HTML 126Page - Microchip Technology PIC16F84A Datasheet HTML 127Page - Microchip Technology PIC16F84A Datasheet HTML 128Page - Microchip Technology PIC16F84A Datasheet HTML 129Page - Microchip Technology PIC16F84A Datasheet HTML 130Page - Microchip Technology PIC16F84A Datasheet HTML 131Page - Microchip Technology PIC16F84A Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 337 page
background image
PIC16C6X
DS30234D-page 128
© 1997 Microchip Technology Inc.
13.3
Reset
The PIC16CXX differentiates between various kinds of
reset:
• Power-on Reset (POR)
•MCLR reset during normal operation
• MCLR reset during SLEEP
• WDT Reset (normal operation)
• Brown-out Reset (BOR) - Not on PIC16C61/62/
64/65
Some registers are not affected in any reset condition,
their status is unknown on POR and unchanged in any
other reset. Most other registers are reset to a “reset
state” on Power-on Reset (POR), on MCLR or WDT
Reset, on MCLR reset during SLEEP, and on Brown-
out Reset (BOR). They are not affected by a WDT
Wake-up, which is viewed as the resumption of normal
operation.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
The TO and PD bits are set or cleared differently in dif-
ferent reset situations as indicated in Table 13-7,
Table 13-8, and Table 13-9. These bits are used in soft-
ware to determine the nature of the reset. See
Table 13-12 for a full description of reset states of all
registers.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 13-9.
On
the
PIC16C62A/R62/63/R63/64A/R64/65A/R65/
66/67, the MCLR reset path has a noise filter to detect
and ignore small pulses. See parameter #34 for pulse
width specifications.
It should be noted that a WDT Reset does not drive the
MCLR pin low.
FIGURE 13-9: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External Reset
MCLR/VPP pin
VDD pin
OSC1/
WDT
Module
VDD rise
detect
OST/PWRT
On-chip
RC OSC
WDT
Power-on Reset
OST
10-bit Ripple counter
PWRT
Chip Reset
10-bit Ripple counter
Time-out
Enable OST
Enable PWRT
SLEEP
Brown-out
Reset
BODEN
Note 1:
This is a separate oscillator from the RC oscillator of the CLKIN pin.
2:
Brown-out Reset is NOT implemented on the PIC16C61/62/64/65.
3:
See Table 13-5 and Table 13-6 for time-out situations.
(2)
(1)
CLKIN
pin
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com