Electronic Components Datasheet Search
  English  ▼

X  

PIC17C42A Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC17C42A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42A Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC17C42A Datasheet HTML 134Page - Microchip Technology PIC17C42A Datasheet HTML 135Page - Microchip Technology PIC17C42A Datasheet HTML 136Page - Microchip Technology PIC17C42A Datasheet HTML 137Page - Microchip Technology PIC17C42A Datasheet HTML 138Page - Microchip Technology PIC17C42A Datasheet HTML 139Page - Microchip Technology PIC17C42A Datasheet HTML 140Page - Microchip Technology PIC17C42A Datasheet HTML 141Page - Microchip Technology PIC17C42A Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 337 page
background image
PIC16C6X
DS30234D-page 138
© 1997 Microchip Technology Inc.
13.5.1
INT INTERRUPT
External interrupt on RB0/INT pin is edge triggered:
either rising if edge select bit INTEDG (OPTION<6>) is
set, or falling, if bit INTEDG is clear. When a valid edge
appears
on
the
RB0/INT
pin,
flag
bit
INTF
(INTCON<1>) is set. This interrupt can be disabled by
clearing enable bit INTE (INTCON<4>). The INTF bit
must be cleared in software in the interrupt service rou-
tine before re-enabling this interrupt. The INT interrupt
can wake the processor from SLEEP, if enable bit INTE
was set prior to going into SLEEP. The status of global
enable bit GIE decides whether or not the processor
branches to the interrupt vector following wake-up. See
Section 13.8 for details on SLEEP mode.
13.5.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
flag bit T0IF (INTCON<2>). The interrupt can be
enabled/disabled by setting/clearing enable bit T0IE
(INTCON<5>) (Section 7.0).
13.5.3
PORTB INTERRUPT ON CHANGE
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit RBIE (INTCON<4>)
(Section 5.2).
Note:
For the PIC16C61/62/64/65, if a change on
the I/O pin should occur when the read
operation is being executed (start of the Q2
cycle), then flag bit RBIF may not get set.
FIGURE 13-19: INT PIN INTERRUPT TIMING
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC1
CLKOUT(3)
INT pin
INTF flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
fetched
Instruction
executed
Interrupt Latency (2)
PC
PC+1
PC+1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC+1)
Inst (PC-1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
1
4
5
1
Note 1: INTF flag is sampled here (every Q1).
2: Interrupt latency = 3TCY for synchronous interrupt and 3-4TCY for asynchronous interrupt.
Latency is the same whether Inst (PC) is a single cycle or a 2-cycle instruction.
3: CLKOUT is available only in RC oscillator mode.
4: For minimum width spec of INT pulse, refer to AC specs.
5: INTF can to be set anytime during the Q4-Q1 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com