Electronic Components Datasheet Search
  English  ▼

X  

PIC17C42A Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC17C42A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42A Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC17C42A Datasheet HTML 169Page - Microchip Technology PIC17C42A Datasheet HTML 170Page - Microchip Technology PIC17C42A Datasheet HTML 171Page - Microchip Technology PIC17C42A Datasheet HTML 172Page - Microchip Technology PIC17C42A Datasheet HTML 173Page - Microchip Technology PIC17C42A Datasheet HTML 174Page - Microchip Technology PIC17C42A Datasheet HTML 175Page - Microchip Technology PIC17C42A Datasheet HTML 176Page - Microchip Technology PIC17C42A Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 173
PIC16C6X
Applicable Devices 61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
17.0
DC AND AC
CHARACTERISTICS GRAPHS
AND TABLES FOR PIC16C61
The graphs and tables provided in this section are for
design guidance and are not tested or guaranteed.
In some graphs or tables the data presented are
outside specified operating range (i.e., outside
specified VDD range). This is for information only
and devices are guaranteed to operate properly
only within the specified range.
Note:
The data presented in this section is a sta-
tistical summary of data collected on units
from different lots over a period of time and
matrix samples. 'Typical' represents the
mean of the distribution while 'max' or 'min'
represents (mean +3
σ) and (mean -3σ)
respectively where
σ is standard deviation.
FIGURE 17-1: TYPICAL RC OSCILLATOR FREQUENCY vs. TEMPERATURE
TABLE 17-1:
RC OSCILLATOR FREQUENCIES
The percentage variation indicated here is part to part variation due to normal process distribution. The variation indi-
cated is
±3 standard deviation from average value for VDD = 5V.
Cext
Rext
Average
Fosc @ 5V, 25
°C
20 pF
4.7k
4.52 MHz
± 17.35%
10k
2.47 MHz
± 10.10%
100k
290.86 kHz
± 11.90%
100 pF
3.3k
1.92 MHz
± 9.43%
4.7k
1.48 MHz
± 9.83%
10k
788.77 kHz
± 10.92%
100k
88.11 kHz
± 16.03%
300 pF
3.3k
726.89 kHz
± 10.97%
4.7k
573.95 kHz
± 10.14%
10k
307.31 kHz
± 10.43%
100k
33.82 kHz
± 11.24%
FOSC
FOSC (25
°C)
1.050
1.025
1.00
0.975
0.950
0.925
0.900
0.875
010
20
25
30
40
50
60
70
T (
°C)
Frequency Normalized TO +25
°C
VDD = 5.5V
VDD = 3.5V
REXT
= 10 kΩ
CEXT = 100 pF
0.850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com