Electronic Components Datasheet Search
  English  ▼

X  

PIC17C42A Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC17C42A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42A Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC17C42A Datasheet HTML 176Page - Microchip Technology PIC17C42A Datasheet HTML 177Page - Microchip Technology PIC17C42A Datasheet HTML 178Page - Microchip Technology PIC17C42A Datasheet HTML 179Page - Microchip Technology PIC17C42A Datasheet HTML 180Page - Microchip Technology PIC17C42A Datasheet HTML 181Page - Microchip Technology PIC17C42A Datasheet HTML 182Page - Microchip Technology PIC17C42A Datasheet HTML 183Page - Microchip Technology PIC17C42A Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 337 page
background image
PIC16C6X
DS30234D-page 180
© 1997 Microchip Technology Inc.
Applicable Devices 61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 17-17: TRANSCONDUCTANCE (gm)
OF LP OSCILLATOR VS. VDD
FIGURE 17-18: TRANSCONDUCTANCE (gm)
OF XT OSCILLATOR VS. VDD
225
3.0
VDD (Volts)
200
175
150
125
100
75
50
25
0
3.5
4.0
4.5
5.0
5.5
6.0
Max. -40
°C
Typ. 25
°C
MIn. 85
°C
2500
200
1500
100
500
0
23
4
5
67
VDD (Volts)
Max. -40
°C
Typ. 25
°C
MIn. 85
°C
FIGURE 17-19: IOH VS. VOH, VDD = 3V
FIGURE 17-20: IOH VS. VOH, VDD = 5V
0
-5
-10
-15
-20
-25
0
0.5
1.0
1.5
2.0
2.5
3.0
VOH (Volts)
Max. -40
°C
Typ. 25
°C
MIn. 85
°C
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0.0 0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOH (Volts)
Min @ 85
°C
Typ @ 25
°C
Max @ -40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com