Electronic Components Datasheet Search
  English  ▼

X  

AS3658D-BCTP Datasheet(PDF) 133 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 133 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 129Page - ams AG AS3658D-BCTP Datasheet HTML 130Page - ams AG AS3658D-BCTP Datasheet HTML 131Page - ams AG AS3658D-BCTP Datasheet HTML 132Page - ams AG AS3658D-BCTP Datasheet HTML 133Page - ams AG AS3658D-BCTP Datasheet HTML 134Page - ams AG AS3658D-BCTP Datasheet HTML 135Page - ams AG AS3658D-BCTP Datasheet HTML 136Page - ams AG AS3658D-BCTP Datasheet HTML 137Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 158 page
background image
Table 145. ROMF Bit definitions
Addr:199
addrf2
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 146. ROMF Bit definitions
Addr:200
addrf3
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 147. ROMF Bit definitions
Addr:201
romf0
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 148. ROMF Bit definitions
Addr:202
romf1
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 149. ROMF Bit definitions
Addr:203
romf2
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
132 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
7:0
addrf<23:16>
0
R
Each bit represents a register address of the bootrom
table (0....31)
0
Use data of ROM table during startup for the
according address (0....31)
1
Use data of fuse register during startup for the
according address, starting with data of
register romf0 (up to register romf6 max.)
7:0
addrf<31:24>
0
R
Each bit represents a register address of the bootrom
table (0....31)
0
Use data of ROM table during startup for the
according address (0....31)
1
Use data of fuse register during startup for the
according address, starting with data of
register romf0 (up to register romf6 max.)
7:0
romf0
00h
R
Data for startup register (used for the first “1” in the
addrf<31:0> register
7:0
romf1
00h
R
Data for startup register (used for the second “1” in the
addrf<31:0> register
7:0
romf2
00h
R
Data for startup register (used for the third “1” in the
addrf<31:0> register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com