Electronic Components Datasheet Search
  English  ▼

X  

AS3658D-BCTP Datasheet(PDF) 149 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 149 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 145Page - ams AG AS3658D-BCTP Datasheet HTML 146Page - ams AG AS3658D-BCTP Datasheet HTML 147Page - ams AG AS3658D-BCTP Datasheet HTML 148Page - ams AG AS3658D-BCTP Datasheet HTML 149Page - ams AG AS3658D-BCTP Datasheet HTML 150Page - ams AG AS3658D-BCTP Datasheet HTML 151Page - ams AG AS3658D-BCTP Datasheet HTML 152Page - ams AG AS3658D-BCTP Datasheet HTML 153Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
148 - 157
AS3658
Data Sheet Confidential - Register map
11 Register map
Table 186. Register Map
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Step Down
Voltage1
00h
ROM
sd1_clki
nv
sd1_freq
u
step_down1_v
Step Down
Voltage2
11h
ROM
sd2_clki
nv
sd2_freq
u
step_down2_v
Step Down
Voltage3
22h
ROM
sd3_clki
nv
sd3_freq
u
step_down3_v
LDO_RF1
Voltage
33h
ROM
rf1_swpr
ot_en
rf1_lcurr
_en
ldo_rf1_v
LDO_RF2
Voltage
44h
ROM
double_r
eset
slow_sta
rtup
rf2_lcurr
_en
ldo_rf2_v
LDO_RF3
Voltage
55h
ROM
rf3_hotpl
ug_en
rf3_lcurr
_en
ldo_rf3_v
LDO_DIG1
Voltage
6
6h
ROM
ldo_dig1_v
LDO_DIG2
Voltage
7
7h
ROM
ldo_dig2_v
LDO_DIG3
Voltage
8
8h
ROM
ldo_dig3_v
LDO_DIG4
Voltage
9
9h
ROM
ldo_dig4_v
USB Charger
Control
10
Ah
ROM
ext_bats
w_en
No_char
ging
dis_bats
w_temp
_prot
usb_chg
En
usb_Current
Charger
Control1
11
Bh
ROM
Isolate_b
at
ch_det_
500ms
charging
_tmax
usb_hol
d_chdet
Auto
Resume
CHOVD
etEn
Ch_pwr
off_en
ChEn
Battery voltage
monitor
12
Ch
ROM
FastRes
En
SupRes
En
ResVoltFall
ResVoltRise
Charger Config
13
Dh
ROM
ChVoltResume
Vsupply_min
ChVoltEOC
Charger
supervision
14
Eh
ROM ntc_type ntc_hyst
ntc_high
_temp
auto_sh
utdown
ch_timeout
FuelGauge
15
Fh
ROM
ntc_on
power_o
ff_at_vs
uplow
CalMod
CalReq
UpdReq
FGEn
Charger
Current
16
10h ROM
ch_voltage
ConstantCurrent
TrickleCurrent
Charge Pump
Control
17
11h
ROM
sdx_1A_mode
sd1_dvm_time
cp_freq
cp_puls
eskip
GPIO 1
18
12h ROM
gpio1_pulls
gpio1_in
vert
gpio1_iosf
gpio1_mode
GPIO 2
19
13h ROM
gpio2_pulls
gpio2_in
vert
gpio2_iosf
gpio2_mode
GPIO 3
20
14h ROM
gpio3_pulls
gpio3_in
vert
gpio3_iosf
gpio3_mode
GPIO 4
21
15h ROM
gpio4_pulls
gpio4_in
vert
gpio4_iosf
gpio4_mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com