Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 119 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 119 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 115Page - ams AG AS3658F-BCTP Datasheet HTML 116Page - ams AG AS3658F-BCTP Datasheet HTML 117Page - ams AG AS3658F-BCTP Datasheet HTML 118Page - ams AG AS3658F-BCTP Datasheet HTML 119Page - ams AG AS3658F-BCTP Datasheet HTML 120Page - ams AG AS3658F-BCTP Datasheet HTML 121Page - ams AG AS3658F-BCTP Datasheet HTML 122Page - ams AG AS3658F-BCTP Datasheet HTML 123Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
118 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
Figure 55. I
2
C Current-Address-Read:
To keep the access time as small as possible, this format allows a read access without the word address transfer in
advance to the data transfer. The bus is idle and the master issues a START condition followed by the Device-Read
address. Analogous to Random-Read, a single byte transfer is terminated with a not-acknowledge after the 1
st
register
byte. Analogous to Sequential-Read an unlimited number of data bytes can be transferred, where the data bytes has to
be responded with an acknowledge from the master. For termination of the transmission the master sends a not-
acknowledge following the last data byte and a subsequent STOP condition.
10.2
Reset generator and XON-Key
XRESET is a low active bi-directional pin. An external pull-up to the periphery supply has to be added.
During each reset cycle the following states are controlled by the AS3658:
Pin XRESET is forced to GND
Programmable Power-off function
Programmable Power-on sequence and regulator voltages
Programmable reset timer
All registers are set to their default values after power-on, except the reset control- and status-registers.
Note: Programming is controlled by the internal Mask-PROM and the external resistor RPROGRAM
Table 123. XRESET,XON Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
10.2.1 Reset Conditions
Reset can be activated from 7 different sources:
Power on (battery or charger insertion)
Low Battery
Software forced reset
Power off mode
External triggered through the pin RESET
Overtemperature
Watchdog
VXRESET_IL
XRESET Low Level
input voltage
-0.3
0.4
V
VXRESET_IH
XRESET High Level
input voltage
1.3
VSUPP
LY
V
VXON_IL
XON Low Level input
voltage
-0.3
0.3*V2
_5
VXON_IH
XON High Level input
0.7*V2
_5
V2_5
IXON_PUP
XON Pull up current
12
µA
A
data 1
read register
WA++
S
DR
data 2
A
read register
WA++
N P
WA++
…
data n
A
read register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com