Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 124 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 124 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 120Page - ams AG AS3658F-BCTP Datasheet HTML 121Page - ams AG AS3658F-BCTP Datasheet HTML 122Page - ams AG AS3658F-BCTP Datasheet HTML 123Page - ams AG AS3658F-BCTP Datasheet HTML 124Page - ams AG AS3658F-BCTP Datasheet HTML 125Page - ams AG AS3658F-BCTP Datasheet HTML 126Page - ams AG AS3658F-BCTP Datasheet HTML 127Page - ams AG AS3658F-BCTP Datasheet HTML 128Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 158 page
background image
Table 129. Charger supervision
Addr:14
Fuel Gauge
This bit controls first startup out of power on reset
Bit
Bit Name
Default
Access
Description
Table 130. Fuel Gauge
Addr:15
Fuel Gauge
This bit controls first startup out of power on reset
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
123 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.2.3 Reset Cycle
During a reset cycle the pin XRESET is forced to low for at least RESTIME and all registers are set to their default
values (except the registers marked green in theTable 186 on page 148). During the reset time a normal startup
happens (see Startup on page 129), the reset is active until the reset timer (set by register bits res_timer<2:0>) expires.
Then the voltage on the pin XRESET is pulled high by the external resistor and the whole system is leaving the reset
state.
10.2.4 Reset Control: res_con
Reset is internally generated from a power supply supervisor and provided to internal logic as well as externally
through the open-drain pad XRESET. At this point, it could be also forced externally from an external power supply
supervisor. Additionally Reset can be forced by software.
4
auto_shutdown
Boot
ROM
R/W
Switch on Power off mode at first startup(e.g. First
battery insertion or first charger insertion)
0
Startup of all regulators if battery is inserted,
charger insertion, onkey pressed or rtc alarm.
1
Startup of all regulators only if onkey is
pressed or rtc alarm (no startup on battery
insertion; no startup if charger detected, if
no_charging=0). xon_enable has to be set in
bootrom.
If a charger is detected and the bit
no_charging=0 (defined by BootROM) and
ch_pwroff_en=0 the AS3658 will start
charging without regulators startup (fully
autonomous charging).
If the bit no_charging=1 and a charger is
detected, the regulators are started and the
charging can be enabled with software
control.
5
power_off_at_v_suplow
Boot
ROM
R/W
Switch on Power off mode if low Vsupply is detected
during active or standby mode (Pin XON= high and bit
xon_enable=0)
0
If low battery is detected, continuously monitor
battery voltage and startup if battery voltage is
above ResVoltrise
1
If low battery is detected, enter power off
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com