Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 132 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 132 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 128Page - ams AG AS3658F-BCTP Datasheet HTML 129Page - ams AG AS3658F-BCTP Datasheet HTML 130Page - ams AG AS3658F-BCTP Datasheet HTML 131Page - ams AG AS3658F-BCTP Datasheet HTML 132Page - ams AG AS3658F-BCTP Datasheet HTML 133Page - ams AG AS3658F-BCTP Datasheet HTML 134Page - ams AG AS3658F-BCTP Datasheet HTML 135Page - ams AG AS3658F-BCTP Datasheet HTML 136Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
131 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.4.4 Additional Startup Settings
Table 141. Boot ROM Bits definitions
Addr:4
LDO_RF2_Voltage
These bits defines the startup sequence
Bit
Bit Name
Default
Access
Description
10.4.5 Programmable Startup Sequences with fuse registers—Boot OTP
Its possible to program some startup registers, by using the fuse block:
Table 142. ROMF Bit definitions
Addr:196
FUSE4
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 143. ROMF Bit definitions
Addr:197
addrf0
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 144. ROMF Bit definitions
Addr:198
addrf0
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
7
double_reset
ROM
R/W
0
Normal reset pulse
1
Apply double reset pulse after the normal rest
pulse that is define by res_timer. (pulse on
XRESET with 2msec high time and 2msec
low time
6
slow_startup
ROM
R/W
0
Normal startup of LDOs defined in boot rom
with a separation of 1 milliseconds
1
Startup of all LDOs defined by boot rom with a
time separation of 4 milliseconds
7
romf_en
0
R
0
Fusible startup rom disabled
1
Feasible startup of rom enabled
(UniqueID0.UniqueID10) used for startup
7:0
addrf<7:0>
0
R
Each bit represents a register address of the bootrom
table (0....31)
0
Use data of ROM table during startup for the
according address (0....31)
1
Use data of fuse register during startup for the
according address, starting with data of
register romf0 (up to register romf6 max.)
7:0
addrf<15:8>
0
R
Each bit represents a register address of the bootrom
table (0....31)
0
Use data of ROM table during startup for the
according address (0....31)
1
Use data of fuse register during startup for the
according address, starting with data of
register romf0 (up to register romf6 max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com