Electronic Components Datasheet Search
  English  ▼

X  

FTE8510K1LTN Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTE8510K1LTN
Description  For Industrial and Military Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTE8510K1LTN Datasheet(HTML) 1 Page - Finisar Corporation.

  FTE8510K1LTN Datasheet HTML 1Page - Finisar Corporation. FTE8510K1LTN Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT BRIEF
Endurance®
For Industrial and Military Applications
KEY FEATURES
Supports 1 Gb/s to 10.3 Gb/s
optical data links over multi-
mode fibers
Multi-rate versions available
Compact form-factor: Half the
size of SFF transceivers
Board-mounted
Built-in digital diagnostic
functions
Duplex LC optical connection
Single 3.3V power supply
Interoperable with standard SFP
and SFP+ optical transceivers
Extended operating temperature
range of -40°C to 85°C
Option for conformal coating
for high reliability in corrosive
environments
Qualified to applicable tests in
MIL-STD-810G, MIL-STD-883 and
GR-486-CORE
Meets applicable requirements
for Gigabit Ethernet, 10 Gigabit
Ethernet, and Fibre Channel
APPLICATIOnS
10 Gigabit Ethernet
1 Gigabit Ethernet
8G Fibre Channel
4G Fibre Channel
2G Fibre Channel
Proprietary high-speed data links
RUGGED AnD COMPACT 1 to 10 Gb/s OPTICAL TRAnSCEIVERS
OVERVIEW
Endurance® is a family of compact transceiver modules designed to be rugged and robust
so they are optimal for industrial and military applications. They have a wide operating
temperature range, a metal housing to minimize effects of Electro-Magnetic Interference, two
through-hole mounting posts to stabilize under shock and vibration conditions, and the pins are
soldered directly to the Printed Circuit Board (PCB) to ensure constant connectivity. Endurance
modules are available with conformal coating for additional reliability in harsh environments.
They have been qualified to Telcordia and Military standards.
The simple serial interface is independent of protocol and can thus be used in a wide range of
applications. Digital diagnostic functions for monitoring and control of the module are provided
via a 2-wire serial interface.
KEY ADVAnTAGES
• Robust for environments with extreme temperatures, shock and vibration,
electromagnetic interference, and corrosion
• Saves valuable board space with its compact size
• Light weight fiber optic solution for data links compared to coaxial cable
• Low power consumption
• Utilizes Finisar’s vertically integrated and highly reliable VCSEL technology
and integrated circuit capabilities


Similar Part No. - FTE8510K1LTN

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTE8510N1LCN FINISAR-FTE8510N1LCN Datasheet
822Kb / 2P
   For Datacom Applications
More results

Similar Description - FTE8510K1LTN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com