Electronic Components Datasheet Search
  English  ▼

X  

FTE8510K1LTN Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTE8510K1LTN
Description  For Industrial and Military Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTE8510K1LTN Datasheet(HTML) 2 Page - Finisar Corporation.

  FTE8510K1LTN Datasheet HTML 1Page - Finisar Corporation. FTE8510K1LTN Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Endurance® For Industrial and Military Applications
© 2012 Finisar Corporation. All rights reserved. Finisar and Endurance are registered trademarks of Finisar Corporation.
Features and specifications are subject to change without notice. 08/12
Parameter
Value
Supply Voltage
3.3 Volts
Supply Current, Max
300 mA
Tx Optical Wavelength
850 nm
Operating Temperature Range
-40 C to +85 C
Link Distance
26 to 300 meters* (10 Gb/s)
70 to 150 meters* (4 Gb/s)
300 to 550 meters* (1 Gb/s)
*Dependent on multi-mode fiber type
Part Number
Description
FTE8510K1LTn
Endurance, 10 GbE, -40C to 85C, no Conformal Coating
FTE8510K1LTY
Endurance, 10 GbE, -40C to 85C, Conformal Coating
FTE8504K1LTn
Endurance, 1 GbE & 4G/2G/1G Fibre Channel, -40C to 85C, no Conformal Coating
FTE8504K1LTY
Endurance, 1 GbE & 4G/2G/1G Fibre Channel, -40C to 85C, Conformal Coating
1389 Moffett Park Drive
Sunnyvale, CA 94089-1133
www.finisar.com
Phone: +1-408-548-1000
Sales:
+1-408-541-5690
Email:
sales@finisar.com
SFF
Endurance
SPECIFICATIOnS
PRODUCT SELECTIOn
SIzE COMPARISOn
Measurements are in mm


Similar Part No. - FTE8510K1LTN

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTE8510N1LCN FINISAR-FTE8510N1LCN Datasheet
822Kb / 2P
For Datacom Applications
More results

Similar Description - FTE8510K1LTN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com