Electronic Components Datasheet Search
  English  ▼

X  

730XM Datasheet(PDF) 122 Page - List of Unclassifed Manufacturers

Part # 730XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

730XM Datasheet(HTML) 122 Page - List of Unclassifed Manufacturers

Back Button 730XM Datasheet HTML 114Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 115Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 116Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 117Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 118Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 119Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 120Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 121Page - List of Unclassifed Manufacturers 730XM Datasheet HTML 122Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 122 / 122 page
background image
22N
NDD SSIIG
GN
NIIFFIICCAAN
NTT CCO
OLLO
ORR FFIIG
GUURREE
Designates color of plunger
11SSTT SSIIG
GN
NIIFFIICCAAN
NTT CCO
OLLO
ORR FFIIG
GUURREE
Designates color of body
33RRDD SSIIG
GN
NIIFFIICCAAN
NTT CCO
OLLO
ORR FFIIG
GUURREE
Designates color of lead wire and
interface, where applicable.
Certain interfaces are made in
black and red only.
Note: On jumpers, E-Z-Hooks will
be matched to one another.
Specify 3 digits only.
CCO
OLLO
ORR CCO
ODDEE aanndd CCHHAARRTT**
Kilo-Color allows you to specify any of 1000 color combinations in any of the basic E-Z-Hooks shown in this catalog.
TTO
O O
ORRDDEERR KKIILLO
O--CCO
OLLO
ORR:: Simply add the color code numbers necessary to create the desired color combination to the complete part number
found in the catalog.
KKIILLO
O--CCO
OLLO
ORR EEXXAAM
MPPLLEE:: Shown with E-Z-Micro-Hook to .025” square socket.
N
NUUM
MBBEERRIIN
NG
G IILLLLUUSSTTRRAATTIIO
ON
N:: 220033XXM
M--33--226622
Part Number
Kilo-Color Number
Lead Length
11000000 CCO
OLLO
ORR--CCO
OM
MBBIIN
NAATTIIO
ON
NSS TTO
O CCHHO
OO
OSSEE FFRRO
OM
M
((EEvveerryy tteenntthh nnuum
mbbeerr iilllluussttrraatteedd bbeelloow
w))
0=BLACK
1=BROWN
2=RED
3=ORANGE
4=YELLOW
5=GREEN
6=BLUE
7=VIOLET
8=GRAY
9=WHITE
*Exact color may vary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com