Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 108 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 108 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 104Page - Intel Corporation IXP42X Datasheet HTML 105Page - Intel Corporation IXP42X Datasheet HTML 106Page - Intel Corporation IXP42X Datasheet HTML 107Page - Intel Corporation IXP42X Datasheet HTML 108Page - Intel Corporation IXP42X Datasheet HTML 109Page - Intel Corporation IXP42X Datasheet HTML 110Page - Intel Corporation IXP42X Datasheet HTML 111Page - Intel Corporation IXP42X Datasheet HTML 112Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Electrical Specifications
108
Datasheet
NOTES:
1. HSS_TXCLK and HSS_RXCLK may be coming from external independent sources or being driven by the
IXP42X product line and IXC1100 control plane processors. The signals are shown to be synchronous for
illustrative purposes and are not required to be synchronous.
2. Applicable when the HSS_RXFRAME and HSS_TXFRAME signals are being driven by an external source
as inputs into the IXP42X product line and IXC1100 control plane processors. Always applicable to
HSS_RXDATA.
3. The HSS_RXFRAME and HSS_TXFRAME can be configured to accept data on the rising or falling edge of
the given reference clock. HSS_RXFRAME and HSS_RXDATA signals are synchronous to HSS_RXCLK
and HSS_TXFRAME and HSS_TXDATA signals are synchronous to the HSS_TXCLK.
4. Applicable when the HSS_RXFRAME and HSS_TXFRAME signals are being driven by the IXP42X product
line and IXC1100 control plane processors to an external source. Always applicable to HSS_TXDATA.
5. The HSS_TXCLK can be configured to be driven by an external source or be driven by the IXP42X product
line and IXC1100 control plane processors. The slowest clock speed that can be accepted or driven is
512 KHz. The maximum clock speed that can be accepted or driven is 8.192 MHz. The clock duty cycle
accepted will be 50/50 + 20%.
6. Timing tests were performed with a 70-pF capacitor to ground and a 10-KΩ pull-up resistor.
For more information on the HSS Jitter Specifications see the Intel® IXP42X Product Line of
Network Processors and IXC1100 Control Plane Processor Developer’s Manual
Table 63.
High-Speed, Serial Timing Values
Symbol
Parameter
Min.
Max.
Units
Notes
T1
Setup time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA prior to the rising edge of clock
5ns
1, 2, 3
T2
Hold time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA after the rising edge of clock
0ns
1, 2, 3
T3
Setup time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA prior to the falling edge of clock
5ns
1, 2, 3
T4
Hold time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA after the falling edge of clock
0ns
1, 2, 3
T5
Rising edge of clock to output delay for
HSS_TXFRAME, HSS_RXFRAME, and HSS_TXDATA
15
ns
1, 4
T6
Falling edge of clock to output delay for
HSS_TXFRAME, HSS_RXFRAME, and HSS_TXDATA
15
ns
1, 3, 4
T7
Output Hold Delay after rising edge of final clock for
HSS_TXFRAME, HSS_RXFRAME, and HSS_TXDATA
0ns
1, 3, 4
T8
Output Hold Delay after falling edge of final clock for
HSS_TXFRAME, HSS_RXFRAME, and HSS_TXDATA
0ns
1,3, 4
T9
HSS_TXCLK period and HSS_RXCLK period
1/8.192 MHz 1/512 KHz
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com