Electronic Components Datasheet Search
  English  ▼

X  

LDM12 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # LDM12
Description  LDM12-xx-xxx
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDM12 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  LDM12 Datasheet HTML 1Page - MicroPower Direct, LLC LDM12 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
• Pin 1 is marked by a “dot” or indentation on the top of the unit
Mechanical Dimensions
Analog Output Current Control (VCNT = 5V)
In the second circuit, the 5 VDC regulator
(SR2) is replaced by the shunt regulator (D1)
circuit connected in parallel with the resis-
tor network. The regulator will maintain
the voltage across R2 and R3 at 2.5 VDC,
insuring that the 1.25 VDC limit on the VADJ
pin will not be exceeded.
When using the analog control input, the
nominal output current is equal to:
.
II
x
V
125
NOM
MAX
ADJ
=
The VADJ input should be left open if not
used. Grounding VADJ will shut the unit
down. Connecting VADJ to directly to +VIN
may damage the unit.
Analog Output Current Control (5 - 16 VDC IN)
Pin Connections
Pin
Function
1+VIN
+DC Supply
4
+LED
LED Anode Conn.
5
-LED LED Cathode Conn.
7VADJ
PWM, On/Off
8-VIN
-DC Supply
The output current of the unit can also
be set by adjusting the voltage level on
the VADJ input to a value between 0.3V to
1.25V (IOUT will vary from 25% to 100% of
rated output current). Care must be taken
not to exceed 1.25V on this input, or the
driver may be damaged.
A simple analog circuit using two low
cost, switching regulators is shown at
left. Working from inputs that can range
from 20 to 32 VDC,the top regulator
(SR1) keeps the input to the LED driver
at 15 VDC.
The other regulator (SR2), driven off the same input line maintains
the control voltage (for the VADJ input) at 5 VDC. The resister
network of R1 and R2 can now be used to set the output current
level of the LED driver. This level is equal to:
V
RR
R
XV
12
2
ADJ
CTRL
=
+
Get a full explanation of the
circuits in this datasheet and
more in “Driving LEDs”.
Available free at the MPD
website



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com