Electronic Components Datasheet Search
  English  ▼

X  

BW9910 Datasheet(PDF) 8 Page - Bruckewell Technology LTD

Part # BW9910
Description  High Brightness LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BW9910 Datasheet(HTML) 8 Page - Bruckewell Technology LTD

Back Button BW9910 Datasheet HTML 4Page - Bruckewell Technology LTD BW9910 Datasheet HTML 5Page - Bruckewell Technology LTD BW9910 Datasheet HTML 6Page - Bruckewell Technology LTD BW9910 Datasheet HTML 7Page - Bruckewell Technology LTD BW9910 Datasheet HTML 8Page - Bruckewell Technology LTD BW9910 Datasheet HTML 9Page - Bruckewell Technology LTD BW9910 Datasheet HTML 10Page - Bruckewell Technology LTD BW9910 Datasheet HTML 11Page - Bruckewell Technology LTD BW9910 Datasheet HTML 12Page - Bruckewell Technology LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BW9910/A High Brightness LED Driver
© 2012 Bruckewell Technology Corp., Ltd.
8
www.bruckewell-semi.com/
Assuming the nominal rectified input voltage VIN
120V 1.414 169V, the switching duty ratio can be
determined as follows :
0.195
(6)
Then, in this example, given the switching frequency,
fOSC
50kHz, the required on-time of the MOSFET
transistor can be calculated as below :
3.91µs
(7)
The required minimum value of the inductor is given by :
5.06mH
(8)
Input Bulk Capacitor
An input filter capacitor should be designed to hold the
rectified AC voltage above twice the LED string voltage
throughout the AC line cycle. Assuming 15% relative
voltage ripple across the capacitor, a simplified formula
for the minimum value of the bulk input capacitor is given
by :
Equation :
(9)
where
DCH : CIN capacity charge work period, generally about
0.20 ~ 0.25,
fL : input frequency for full range (85VRMS ~ 265VRMS),
∆VDC(MAX) should be set 10% ~ 15% of
If the capacitor has a 15% voltage ripple then a simplified
formula for the minimum value of the bulk input capacitor
approximates to :
(10)
24µF, a value 33µF/250V can be used.
A passive PFC circuit at the input requires using two
series connected capacitors at the place of calculated
CMIN. Each of these identical capacitors should be rated
for ½ of the input voltage and have twice as much
capacitance.
Enable Function
The BW9910/BW9910A can be turned off by pulling the
PWM_D pin to ground. When the device is disabled, the
BW9910/BW9910A draws quiescent current of less than
1.0mA.
Output Open Circuit Protection
When the buck topology is used, and the LED is
connected in series with the inductor, there is no need
for any protection against an open circuit condition in the
LED string. Open LED connection means no switching
and can be continuous. In this case, since the output
voltage will be the same as input voltage, if there is a
capacitor connected across the output, this capacitor
should be able to withstand the peak value of the input
voltage.
Thermal Shut Down
Thermal protection is added due to buck topology can
generate large heat when operated with high voltage
input. The over temperature protection is activated to
shut down external MOSFET when the junction
temperature (TJ) reaches 150°C. There is a 50°C
hysteresis to re-start the MOSFET.
DC-DC Low Voltage Applications
Boost LED Driver
BW9910/BW9910A
can
also
be
used
in
boost
configurations – at reduced accuracy. The accuracy can
be improved by measuring the LED current with an Op-
Amp and use the Op Amp’s output to drive the LD pin.
Refer to Figure 1, a boost LED driver is used when the
total voltage drop of the output LED string is higher than
the input supply voltage. For example, the boost
topology can be appropriate when input voltage is
supplied by a 48V power supply and the LED string
consists of twenty HB LEDs, as the case may be for a
street light.


Similar Part No. - BW9910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BW910 ETC-BW910 Datasheet
263Kb / 1P
Desiccant sachets are used to absorb moisture from a given environment.
BW910C ETC-BW910C Datasheet
263Kb / 1P
Desiccant sachets are used to absorb moisture from a given environment.
BW911 ETC-BW911 Datasheet
263Kb / 1P
Desiccant sachets are used to absorb moisture from a given environment.
BW912 ETC-BW912 Datasheet
263Kb / 1P
Desiccant sachets are used to absorb moisture from a given environment.
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
BW9130HV 3A LED Driver with Dimming Control
More results

Similar Description - BW9910

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
High Brightness LED Driver IC
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
Universal High Brightness LED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com