Electronic Components Datasheet Search
  English  ▼

X  

BW9910 Datasheet(PDF) 9 Page - Bruckewell Technology LTD

Part # BW9910
Description  High Brightness LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BW9910 Datasheet(HTML) 9 Page - Bruckewell Technology LTD

Back Button BW9910 Datasheet HTML 5Page - Bruckewell Technology LTD BW9910 Datasheet HTML 6Page - Bruckewell Technology LTD BW9910 Datasheet HTML 7Page - Bruckewell Technology LTD BW9910 Datasheet HTML 8Page - Bruckewell Technology LTD BW9910 Datasheet HTML 9Page - Bruckewell Technology LTD BW9910 Datasheet HTML 10Page - Bruckewell Technology LTD BW9910 Datasheet HTML 11Page - Bruckewell Technology LTD BW9910 Datasheet HTML 12Page - Bruckewell Technology LTD BW9910 Datasheet HTML 13Page - Bruckewell Technology LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BW9910/A High Brightness LED Driver
© 2012 Bruckewell Technology Corp., Ltd.
9
www.bruckewell-semi.com/
In a boost converter, when the external MOSFET is ON
the energy is stored in the inductor which is then
delivered to the output when the external MOSFET
switches OFF. If the energy stored in the inductor is not
fully depleted by the next switching cycle (continuous
conduction mode) the DC conversion between input and
output voltage is given by :
(11)
From the switching frequency, fOSC, the on-time of the
MOSFET can be calculated :
(12)
From this the required inductor value can be determined
by :
(13)
The boost topology LED driver requires an output
capacitor to deliver current to the LED string during the
time that the external MOSFET is on. In boost LED driver
topologies if the LEDs should become open circuit,
damage may occur to the power switch and so some form
of detection should be present to provide over-voltage
detection/protection.
Figure 1. DC-DC Boost LED Driver
Buck-Boost (Fly-Back) LED Driver
Refer Figure 2, the buck-boost power conversion
topology can be used when the forward voltage drop of
the LED string is higher, equal or lower than the input
supply voltage. For example, the buck-boost topology
can be appropriate when input voltage is supplied by
24V system bus for trucks (voltage at supply battery is
between 18V and 32V) and output string consists of six
to nine HB LEDs, as the case may be for tail and break
signal lights.
In the buck-boost converter, the energy from the input
source is first stored in the inductor or fly-back
transformer when the switching transistor is ON. The
energy is then delivered to the output during the OFF
time of the transistor. When the energy stored in the fly-
back inductor is not fully depleted by the next switching
cycle (continuous conduction mode) the DC conversion
between input and output voltage is given by :
(14)
or
D
(15)
The output voltage can be either higher or lower than
the input voltage, depending on duty ratio.
Let us discuss the above example of 24V battery system
LED driver that needs to drive six HB LEDs (VF 3.3V)
at 350mA.
Knowing the nominal input voltage VIN
24V, the
nominal duty ratio can be determined as below :
D
0.45
Then, given the switching frequency, in this example
fOSC
50kHz, the required on-time of the MOSFET
transistor can be calculated :
9µs


Similar Part No. - BW9910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BW910 ETC-BW910 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW910C ETC-BW910C Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW911 ETC-BW911 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW912 ETC-BW912 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
More results

Similar Description - BW9910

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com