Electronic Components Datasheet Search
  English  ▼

X  

BW9910 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BW9910
Description  High Brightness LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BW9910 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BW9910 Datasheet HTML 1Page - Bruckewell Technology LTD BW9910 Datasheet HTML 2Page - Bruckewell Technology LTD BW9910 Datasheet HTML 3Page - Bruckewell Technology LTD BW9910 Datasheet HTML 4Page - Bruckewell Technology LTD BW9910 Datasheet HTML 5Page - Bruckewell Technology LTD BW9910 Datasheet HTML 6Page - Bruckewell Technology LTD BW9910 Datasheet HTML 7Page - Bruckewell Technology LTD BW9910 Datasheet HTML 8Page - Bruckewell Technology LTD BW9910 Datasheet HTML 9Page - Bruckewell Technology LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BW9910/A High Brightness LED Driver
© 2012 Bruckewell Technology Corp., Ltd.
2
www.bruckewell-semi.com/
Pin Assignments and Ordering Information
Device
VCS Tolerance
Packaging
Quantity of Tape & Reel
BW9910 MST
±10%
SOP-8
3000
BW9910 MPT
±10%
SO8-EP
3000
BW9910A MST
±10%
SOP-8
3000
BW9910A MPT
±10%
SO8-EP
3000
Pin Descriptions
SOP-8
SO8-EP
Pin Name
Function
Input voltage pin.
1
1
VIN
DC input supply voltage.
Current sensing input pin.
2
2
CS
Senses LED string current.
Ground pin.
3
3
GND
Device ground.
Gate driver output pin.
4
4
GATE
Drives the gate of the external MOSFET.
PWM dimming input pin.
5
5
PWM_D
Low frequency PWM dimming pin, also enable input. Internal 200kΩ pull-down
resistor to GND.
Internal/External supply voltage pin.
6
6
VDD
Internally regulated supply voltage. 7.5V nominal for the BW9910 and 10V
nominal for the BW9910A. This pin can supply up to 1.0mA for external circuitry. A
sufficient storage capacitor is used to provide storage when the rectified AC input
is near the zero crossings.
Linear dimming input pin.
7
7
LD
Linear dimming by changing the current limit threshold at current sensing
comparator.
Oscillator control pin.
8
8
ROSC
A resistor connected between this pin and GND sets the PWM frequency.
Exposed pad.
N/A
EP
EP Pad
Package bottom. Connect to GND directly underneath the package.


Similar Part No. - BW9910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BW910 ETC-BW910 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW910C ETC-BW910C Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW911 ETC-BW911 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW912 ETC-BW912 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
More results

Similar Description - BW9910

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com