Electronic Components Datasheet Search
  English  ▼

X  

BW9910 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # BW9910
Description  High Brightness LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BW9910 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  BW9910 Datasheet HTML 1Page - Bruckewell Technology LTD BW9910 Datasheet HTML 2Page - Bruckewell Technology LTD BW9910 Datasheet HTML 3Page - Bruckewell Technology LTD BW9910 Datasheet HTML 4Page - Bruckewell Technology LTD BW9910 Datasheet HTML 5Page - Bruckewell Technology LTD BW9910 Datasheet HTML 6Page - Bruckewell Technology LTD BW9910 Datasheet HTML 7Page - Bruckewell Technology LTD BW9910 Datasheet HTML 8Page - Bruckewell Technology LTD BW9910 Datasheet HTML 9Page - Bruckewell Technology LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BW9910/A High Brightness LED Driver
© 2012 Bruckewell Technology Corp., Ltd.
3
www.bruckewell-semi.com/
Absolute Maximum Ratings (Note 1)
Symbol
Parametar
Ratings
Unit
VINDC
DC input supply voltage range, VIN to GND
-0.5 ~ +520
V
VCS
CS input pin voltage range relative to GND
-0.3 ~ +0.45
V
VLD
LD input pin voltage range relative to GND
-0.3 ~ +(VDD + 0.3)
V
VPWM_D
PWM_D input pin voltage range relative to GND
-0.3 ~ +(VDD + 0.3)
V
VGATE
GATE output pin voltage range relative to GND
-0.3 ~ +(VDD + 0.3)
V
Continuous power dissipation (TA +25°C)
8 Pin SO (de-rating 6.3mW/°C above +25°C)
0.63
W
8 Pin SO-EP (de-rating 16mW/°C above +25°C)
1.6
W
TJ
Junction temperature
+150
°C
TSTG
Storage temperature range
-65 ~ +150
°C
θJA
Junction-to-ambient thermal resistance for SOP-8
165
°C/W
θJA(EP)
Junction-to-ambient thermal resistance for SO8-EP
60
°C/W
Note :
1. Exceeding these ratings could cause damage to the device. All voltages are with respect to ground. Currents are positive into,
negative out of the specified terminal.
Recommended Operating Conditions
Symbol
Parametar
Min.
Max.
Unit
BW9910
15
500
VINDC
DC input supply voltage range, VIN to GND
BW9910A
20
500
V
VEN(LO)
PWM_D input pin low voltage range relative to GND
0
1.0
V
VEN(HI)
PWM_D input pin high voltage range relative to GND
2.4
VDD
V
TA
Ambient temperature range for SOP-8 package
(Note 2)
BW9910 MST
-40
+85
°C
TA(EP)
Ambient temperature range for SO8-EP package
(Note 2)
BW9910 MPT
-40
+105
°C
Note :
2. Maximum ambient temperature range is limited by allowable power dissipation. The exposed pad SO8-EP with its lower thermal
impedance allows the variants using this package to extend the allowable maximum ambient temperature range.


Similar Part No. - BW9910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BW910 ETC-BW910 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW910C ETC-BW910C Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW911 ETC-BW911 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW912 ETC-BW912 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
More results

Similar Description - BW9910

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com