Electronic Components Datasheet Search
  English  ▼

X  

BW9910 Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # BW9910
Description  High Brightness LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BW9910 Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  BW9910 Datasheet HTML 1Page - Bruckewell Technology LTD BW9910 Datasheet HTML 2Page - Bruckewell Technology LTD BW9910 Datasheet HTML 3Page - Bruckewell Technology LTD BW9910 Datasheet HTML 4Page - Bruckewell Technology LTD BW9910 Datasheet HTML 5Page - Bruckewell Technology LTD BW9910 Datasheet HTML 6Page - Bruckewell Technology LTD BW9910 Datasheet HTML 7Page - Bruckewell Technology LTD BW9910 Datasheet HTML 8Page - Bruckewell Technology LTD BW9910 Datasheet HTML 9Page - Bruckewell Technology LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BW9910/A High Brightness LED Driver
© 2012 Bruckewell Technology Corp., Ltd.
4
www.bruckewell-semi.com/
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified. TA +25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
15
500
BW9910
Input DC supply voltage range
VINDC
20
500
V
BW9910A
DC input voltage
0.5
1.0
BW9910
Shut down mode supply
current
IINSD
0.65
1.20
mA
BW9910A
Pin PWM_D to GND,
VIN VINDC(MIN)
(Note 3)
7.0
7.5
8.0
BW9910
Internally regulated voltage
VDD
9.5
10.0
11.0
V
BW9910A
VIN VINDC(MIN) ~ 500V
(Note 3), lDD(EXT) 0, GATE
pin open
BW9910
VDD current available for
external circuitry
(Note 4)
IDD(EXT)
1.0
mA
BW9910A
VIN VINDC(MIN) ~ 100V
(Note 3)
6.4
6.7
7.0
BW9910
VDD under voltage lockout
threshold
VUVLO
8.4
9.0
9.6
V
BW9910A
VDD rising
500
BW9910
VDD under voltage lockout
hysteresis
∆VUVLO
650
mV
BW9910A
VDD falling
PWM_D pull-down resistance
RPWM_D
150
200
250
VPWM_D 5V
Current sensing pull in
threshold voltage
VCS
225
250
275
mV
Full ambient temperature range
(Note 5)
GATE high output voltage
VGATE(HI) VDD - 0.3
VDD
V
IOUT 10mA
GATE low output voltage
VGATE(LO)
0
0.3
V
IOUT -10mA
fOSC1
20
26
32
ROSC 1MΩ
Oscillator frequency
fOSC2
80
100
120
kHz
ROSC 226kΩ
Maximum oscillator PWM duty
cycle
DMAX(HF)
100
%
fPWM(HF) 25kHz, at GATE, CS tie to
GND.
Linear dimming pin voltage
range
VLD
0
250
mV
Full ambient temperature range
(Note 5), VIN 20V
Current sensing blanking
interval
tBLANK
160
250
440
ns
VCS 0.5V
Delay from CS trip to GATE
low
tDELAY
300
ns
VIN 20V, VLD 0.15V, VCS 0V ~
0.22V after tBLANK
GATE output rise time
tRISE
30
50
ns
CGATE 500pF
GATE output fall time
tFALL
30
50
ns
CGATE 500pF
Thermal shut down
TSD
150
°C
Thermal shut down hysteresis
∆TSD
50
°C
Note :
3. VINDC(MIN) for the BW9910 is 15V and for the BW9910A it is 20V.
4. Also limited by package power dissipation limit, whichever is lower.
5. Full ambient temperature range for BW9910 MST and BW9910A MST is -40 to +85°C; for BW9910 MPT and BW9910A MPT is -
40 to +105°C.


Similar Part No. - BW9910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BW910 ETC-BW910 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW910C ETC-BW910C Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW911 ETC-BW911 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
BW912 ETC-BW912 Datasheet
263Kb / 1P
   Desiccant sachets are used to absorb moisture from a given environment.
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
More results

Similar Description - BW9910

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com