Electronic Components Datasheet Search
  English  ▼

X  

SH275-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SH275-4
Description  Heat Shrinkable Irradiated Polyolefin Tubing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SH275-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SH275-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SH275-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SH275-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
† Add suffix "C" for clear, i.e. SH275-1/4
Clear is M23053/5-106C.
Stock Colors: Black, White, Red, Clear. Additional colors available.
Note: Extra flexible, & Industrial grade shrinkable polyolefin is available to order.
SH275 Pack Assortments
A.
Colors: Black. Additional colors to order.
Each pack contains an assortment of 6" lengths in mixed sizes.
B.
Colors: Black, Clear. Additional colors to order.
Each pack contains 6" lengths of the same sizes.
Although processed by hi-energy radiation the Daflex SH275 shrinkable tubing does not at any time become radioactive or
Pack Assortments- Assorted Sizes
Daburn
Cat. No.
Lengths
Per Pack
Tubing Size
SH275-PA1 30
3/64" thru 3/16"
SH275-PA2 16
1/4" thru 3/4"
SH275-PA3 10
1"
SH275-PA4 10
1" thru 4"
Pack Assortments- 6" Lengths Of Same Size
Daburn
Cat. No.
Size
No. Of 6"
Lengths Per Pack
SH275PA-3/64
3/64 40
SH275PA-1/16
1/16 36
SH275PA-3/32
3/32 32
SH275PA-1/8
1/8
28
SH275PA-3/16
3/16 24
SH275PA-1/4
1/4
20
SH275PA-3/8
3/8
16
SH275PA-1/2
1/2
14
SH275PA-3/4
3/4
12
SH275PA-1"
1"
8
SH275PA-1 1/2" 1 1/2" 5
SH275PA-2"
2"
3
SH275PA-3"
3"
2
SH275PA-4"
4"
1
Page 2 of 3
SH275 Heat Shrinkable Irradiated Polyolefin Tubing
11/15/2002
http://www.daburn.com/sh275.html


Similar Part No. - SH275-4

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SH276P SECOS-SH276P Datasheet
541Kb / 5P
   Hall Effect Latch Sink Driver IC
More results

Similar Description - SH275-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
   DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
   Heat-Shrinkable Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
   Heat Shrinkable Tubing
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
   Electrically insulating PVC heat shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
   Low Smoke Heat-Shrinkable Rubber Tubing
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
   Tubing Very Flexible Polyolefin
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com