Electronic Components Datasheet Search
  English  ▼

X  

HV9910DB2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HV9910DB2
Description  Off-Line, High Brightness, SED Driver Demo Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HV9910DB2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HV9910DB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 3Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HV9910DB2v2
AC Input: Connect these pins to a standard line voltage
outlet (or a DC voltage between 100 – 375V). Use a two-
wire cable without ground connection.
Note: Apply AC line voltage as a last step to power up the
LED string, after you connect the LED to the demo board!
Disconnecting the LED string will not damage the board,
however it is not advisable.
ATTENTION: The LED demo board and connected LEDs
are not isolated from line voltage. None of the demo
board terminals are galvanic isolated from the AC line
voltage. All measuring instruments, as scopes and
meters must be isolated from ground (floating) using
isolating transformers.
OUTPUT: These two terminals are the output terminals of
the converter and must be connected to the LED string.
The Positive-Marked end is to be connected to the positive
(anode) terminal of LED string, the Negative-Marked end is
to be connected to the negative (cathode) terminal.
Note: Both terminals will have active live voltage when
input AC line is applied!
VDD: This pin is connected to the VDD pin of the HV9910B.
The typical voltage on the pin is 7.6V. This voltage can be
used to drive any additional circuitry required. Please see
the datasheet regarding the output current capability at the
VDD pin.
GND: This pin is connected to the Ground connection of the
buck converter.
PWMD: This terminal can be used to either enable/disable
the converter or to apply a PWM dimming signal.
To just enable the converter, connect the PWMD pin to the
VDD pin. Disconnecting the PWMD pin will cause the circuit
to stop.
PWM dimming of the LED light can be achieved by turning
the converter on and off with a low frequency 50Hz to
1000Hz TTL logic level signal. Changing the Duty Ratio of
the signal changes the effective average current via the
LEDs, changing the light emission.
Note: In the case of PWM dimming, the PWMD pin
should not be connected to the VDD pin! Also, the signal
generator or the device applying the signal to PWMD pin
must be isolated from the input mains.
Testing the HV9910DB2v2
Connect the LED string to the output terminals. Check the
polarity of the LED connection, anode end of the string
should be connected to the positive output, cathode should
be connected to the negative output. Connect the AC input
to the input terminals (there is no polarity to be considered).
Short the PWMD pin to VDD. Apply an AC voltage at the
input terminals and the LED string should start to glow.
An ammeter can be connected in series with the LEDs to
measure the output current. The current level can then be
changed by adjusting the trimming potentiometer.
Note: Make sure the LED string is fully functional. One
way is to use a DC current limited source to test the
string. A 40V/300mA power supply should be a good
solution.
Open LED Test
After the initial test of functionality, the demo board can be
tested at open LED string. The test is non-destructive and
not time restricted. Disconnect one end of the LEDs and
power up the demo. There will be no light emission and the
AC current withdrawn from the line will be very low. There is
no switching at the switching node.
Linear Dimming Test
Gradual change of current via LEDs is possible by using
the trimming potentiometer R5 placed on the demo board.
The HV9910B has a preset voltage reference level of
250mV when the voltage at the LD pin of the IC is above
250mV. The external resistor divider consisting of R2, R3
and potentiometer R5 can change that level by pulling down
the pin LD below 250mV, reducing the LED string current in
linear fashion.
The maximum output current of the HV9910DB2v2 is 350mA.
It can be reduced to 50mA using R5.
PWM Dimming Test
During normal demo board operation, by applying a PWM
TTL level signal to pin PWMD, the output current through the
LEDs can be changed in PWM fashion in a 0 to 100% range.
In this dimming mode, the output current has normally two
levels – zero and nominal current, except at very low duty
ratios where inductor current cannot ramp up to the nominal
value within the short time.
Instructions
Obsolete
Refer to
HV9910BDB2


Similar Part No. - HV9910DB2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910DB6 SUTEX-HV9910DB6 Datasheet
594Kb / 5P
Supertex Driver Evaluation Board for OSRAM OSTAR??LED
More results

Similar Description - HV9910DB2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
Demo Board
logo
Supertex, Inc
HV809 SUTEX-HV809_07 Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
MLX90401 Demo Board
logo
Intersil Corporation
ISL97702 INTERSIL-ISL97702_06 Datasheet
85Kb / 5P
OLED Driver Demo Board
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
Off-Line, High Brightness LED Driver
logo
IXYS Corporation
CPC9909 IXYS-CPC9909 Datasheet
1Mb / 12P
High Effciency,Off-line, High Brightness LED Driver
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
logo
Supertex, Inc
HV809 SUTEX-HV809_13 Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com